Electronic Components Datasheet Search
  English  ▼

X  

LP4066 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP4066
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4066 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP4066 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP4066-00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
Preliminary Datasheet
LP4066
Electrical Characteristics
(TA=25°C, VIN =5V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNITS
VIN
Input Voltage
4.5
5
5.8
V
IIN
Input Supply Current
IBAT=4.2V
40
uA
VFLOAT
Regulated Output (Float) Voltage
IBAT=40mA,
4.158
4.2
4.242
V
VUV
VIN Under Voltage Lockout Threshold
From VIN Low to High
3.3
V
VOVP
Input Voltage OVP
VIN Rising
6.2
V
VOVP_HYS
OVP Hysteresis
150
mV
IBAT
BAT Pin Current
RISET=3.4k, Current Mode
500
mA
RISET=17k, Current Mode
100
mA
VBAT=4.2V
1
uA
VIN=float or 0V
1
ITRIKL
Trickle Charge Current
VBAT<VTRIKL,RISET=10k, Current Mode
10
%IBAT
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.6
V
VTRHYS
Trickle Charge Hysteresis Voltage
150
mV
ITERM
Termination Current Threshold
10
%IBAT
VISET
ISET Pin Voltage
RISET=10k, Current Mode
1
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG=5V
5
uA
VCHRG
CHRG Pin Output Low Voltage
ICHRG=5mA
0.5
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT-VRECHRG
150
mV
TLIM
Junction Temperature in Constant Temperature Mode
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com