Electronic Components Datasheet Search
  English  ▼

X  

LP4069 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP4069
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4069 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP4069 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP4069-01
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP4069
Application Information
Input Voltage Range
The LP4069 has built-in input voltage surge protection as high
as +28V. The charger IC will be automatically disabled when
the input voltage is higher than 7V.A charge cycle begins
when the voltage at the VIN pin rises above the 4.4V level,
when a battery is connected to the charger output. If the BAT
pin is less than 2.6V, the charger enters trickle charge mode.
In this mode, the LP4069 supplies approximately 1/10 the
ISET programmed charge current to bring the battery voltage
up to a safe level for full current charging. When the BAT pin
voltage rises above 2.6V, the charger enters constant-current
mode(CC), where the ISET programmed charge current is
supplied to the battery. When the BAT pin approaches the
final float voltage, the LP4069 enters constant-voltage
mode(CV) and the charge current begins to decrease, and the
battery full indication is set when the charge current in the CV
mode is reduced to the programmed full battery current
(1/10).
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the ISET programmed value after the final float voltage
is reached. This condition is detected by using an internal,
filtered comparator to monitor the ISET pin. When the ISET
pin voltage falls below 100mV for longer than tTERM(typically
1ms), charging is terminated.
ISET programming Charge Current
The charge current (IBAT) is set by a resistor (RISET)
connecting from the ISET pin to GND. The relationship of the
charge current and the programming resistance is established
by the following equations(VISET=1V).
Automatic Recharge
Once the charge cycle is terminated, the LP4069 continuously
monitors the voltage on the BAT pin. A charge cycle restarts
when the battery voltage falls below 4.05V (which
corresponds to approximately 80% to 90% battery capacity).
This ensures that the battery is kept at or near a fully charged
condition and eliminates the need for periodic charge cycle
initiations.
Charge Status Indicator(CHRG/FULL)
After application of a 5V source, the input voltage rises above
the UVLO and sleep thresholds (VIN>VBAT+VDT), but is less
than OVP (VIN<VOVP), CHRG has two different states: strong
pull-down (~5mA) and high impedance. The strong pull-down
state indicates that the LP4069 is in a charge cycle. When the
charger is entered CV mode and once the charge current has
reduced to the battery full charge current threshold (ITERM), the
CHRG pin will become high impedance.
Function
CHRG
FULL
Charging
Low
High
Charge Finish
High
Low
Thermal Limiting
An internal thermal feedback loop reduces the ISET
programmed charge current if the die temperature attempts to
rise above a preset value of approximately 125°C. This
feature protects the LP4069 from excessive temperature and
allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging the
LP4069. The charge current can be set according to typical
(not worst-case) ambient temperature with the assurance that
the charger will automatically reduce the current in worst-case
conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com