Electronic Components Datasheet Search
  English  ▼

X  

LP4069 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4069
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4069 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4069 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4069 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP4069-01
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP4069
800mA Single Chip Li-Ion and Li-Polymer Charger
General Description
The LP4069 is a complete constant-current/ constant
voltage linear charger for single cell lithium-ion battery.
Its SOT23-6/TDFN-8 package and low external
component count make the LP4069 ideally suited for
portable applications. No external sense resistor is
needed, and no blocking diode is required due to the
internal MOSFET architecture. Thermal feedback
regulates the charge current to limit the die
temperature during high power operation or high
ambient temperature. The charge voltage is fixed at
4.2V, and the charge current can be ISET
programmed externally with a single resistor.
The LP4069 automatically terminates the charge cycle
when the charge current drops to 1/10 setting current
value after the final float voltage is reached.
When the input supply is removed, the LP4069
automatically enters a low current state, dropping the
battery drain current to less than 1µA.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin.
Order Information
LP4069
F: Pb-Free
Package Type
B6: SOT23-6
QV: TDFN-8
Features
Input Voltage up to 28V
Input Over Voltage Protection:7V
Short-circuit protection
Programmable Charge Current up to 800mA
1µA Battery Reverse Current
Protection of Reverse Connection of Battery
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
SOT23-6/TDFN-8(2*2mm) Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Media Players/Game
Power Bank
Bluetooth Applications
PDA/MID
Marking Information
Device
Marking
Package
Shipping
LP4069B6F
LP4069
YWX
SOT23-6
3K/REEL
LP4069QVF
LP4069
YWX
TDFN-8
4K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP4069

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4060A-B5F POWER-LP4060A-B5F Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4061 POWER-LP4061 Datasheet
478Kb / 7P
800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LP4069

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28019B POWER-LP28019B Datasheet
268Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28021S POWER-LP28021S Datasheet
566Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP4063 POWER-LP4063 Datasheet
376Kb / 6P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4065 POWER-LP4065 Datasheet
397Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4066 POWER-LP4066 Datasheet
379Kb / 7P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4067 POWER-LP4067 Datasheet
400Kb / 8P
800mA Single Chip Li-ion and Li-Polymer Charger
LP4068 POWER-LP4068 Datasheet
451Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com