Electronic Components Datasheet Search
  English  ▼

X  

LP6216 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6216
Description  High Efficiency 3A Boost DC/DC Convertor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6216 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6216 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP6216-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP6216
Operation Information
The LP6216 uses a fixed frequency, peak current
mode boost regulator architecture to regulate voltage
at the feedback pin. At the start of each oscillator
cycle the MOSFET is turned on through the control
circuitry. To prevent sub-harmonic oscillations at
duty cycles greater than 50 percent, a stabilizing
ramp is added to the output of the current sense
amplifier and the result is fed into the negative input
of the PWM comparator. When this voltage equals
The output voltage of the error amplifier the power
MOSFET is turned off. The voltage at the output of
the error amplifier is an amplified version of the
difference between the 0.6V bandgap reference
voltage and the feedback voltage. In this way the
peak current level keeps the output in regulation. If
the feedback voltage starts to drop, the output of the
error amplifier increases. These results in more
current to flow through the power MOSFET, thus
increasing the power delivered to the output.
TheLP6216 has internal soft start to limit the amount
of input current at startup and to also limit the amount
of overshoot on the output.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 0.6V feedback voltage. Use a
100K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
VOUT = ( R1 / R2 + 1 ) x VFB
Current Limitation
The internal power-MOS switch current is monitored
cycle-by-cycle and is limited to the value not exceed
3A(Typ.). When the switch current reaches the
limited value, the internal power-MOS is turned off
immediately until the next cycle. Keep traces at this
pin as short as possible. Do not put capacitance at
this pin.
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated
noise in sensitive applications. The maximum peak
inductor current is the maximum input current plus
the half of inductor ripple current. The calculated
peak current has to be smaller than the current
limitation in the electrical characteristics. A typical
setting of the inductor ripple current is 20% to 40% of
the maximum input current. If the selection is 40%,
the maximum peak inductor current is
The minimum inductance value is derived from the
following equation:
Depending on the application, the recommended
inductor value is between 2.2μH to 10μH.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com