Electronic Components Datasheet Search
  English  ▼

X  

LP6216 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6216
Description  High Efficiency 3A Boost DC/DC Convertor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6216 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6216 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6216 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LP6216-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 8
Preliminary Datasheet
LP6216
Electrical Characteristics
(VIN=3.3V, VOUT=5V, CIN=22uF, COUT=22uF, L=4.7uH, R1=110K, R2=15K)
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage
VIN
2.5
24
V
Output Voltage Range
VOUT
2.5
24
V
Supply Current(Shutdown)
ISD
VEN=0V, VSW=5V
1
μA
Supply Current
IQ
0.35
mA
Feedback Voltage
VFB
LP6216B6F
0.588
0.6
0.612
V
LP6216AB6F
1.215
1.24
1.265
V
Feedback Input Current
IFB
VFB=1.2V
50
nA
Switching Frequency
fOSC
1
MHz
Maximum Duty Cycle
85
92
98
%
EN Input Low Voltage
VEN-L
0.4
V
EN Input High Voltage
VEN-H
1.4
V
EN input current
IEN
VEN=5
1
uA
Switch MOSFET Current Limit
ISW
3
A
High-side On Resistance
RDS(ON)
VOUT=5V
150
mΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com