Electronic Components Datasheet Search
  English  ▼

X  

LP6222 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6222
Description  High Efficiency Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6222 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP6222 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LP6222-01
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 9
Preliminary Datasheet
LP6222
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated
noise in sensitive applications. The maximum peak
inductor current is the maximum input current plus
the half of inductor ripple current. The calculated
peak current has to be smaller than the current
limitation in the electrical characteristics. A typical
setting of the inductor ripple current is 20% to 40% of
the maximum input current. If the selection is 40%,
the maximum peak inductor current is
The minimum inductance value is derived from the
following equation:
Depending on the application, the recommended
inductor value is between 2.2uH to 10uH.
Output Capacitor Selection
For lower output voltage ripple, low-ESR ceramic
capacitors
are
recommended.
The
tantalum
capacitors can be used as well, but the ESR is bigger
than ceramic capacitor. The output voltage ripple
consists of two components: one is the pulsating
output ripple current flows through the ESR, and the
other is the capacitive ripple caused by charging and
discharging.
Layout Guideline
For high frequency switching power supplies, the
PCB layout is important step in system application
design. In order to let IC achieve good regulation,
high efficiency and stability, it is strongly
recommended the power components should be
placed as close as possible. The set races should be
wide and short. The feedback pin and then works of
feedback and compensation should keep away from
the power loops, and be shielded with a ground trace
or plane to prevent noise coupling.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com