Electronic Components Datasheet Search
  English  ▼

X  

LP6222 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6222
Description  High Efficiency Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6222 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6222 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LP6222-01
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 9
Preliminary Datasheet
LP6222
Electrical Characteristics
(VIN=3.3V, VOUT=5V, CIN=22uF, COUT=22uF, L=4.7uH, R1=110K, R2=15K)
Parameter
Condition
Min
Typ.
Max
Units
Supply Voltage
2.5
5.5
V
Output Voltage Range
2.5
9
V
Supply Current(Shutdown)
VEN=0V
1
uA
Supply Current
VFB=0.7V
0.19
mA
Feedback Voltage
0.588
0.6
0.612
V
Feedback Input Current
VFB=1.2V
50
nA
Switching Frequency
1
MHz
Maximum Duty Cycle
80
90
95
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
Switch MOSFET Current Limit
4.8
A
Low-side On Resistance
100
mΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com