Electronic Components Datasheet Search
  English  ▼

X  

LP6288 Datasheet(PDF) 15 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 15 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 14Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 15Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 15 of 24
LP6288
Version 0.1 JAN.-2018
Application Information(Continued)
Buck3 Converter (VHAVDD)
The synchronous current mode buck3 converter
operates
with
PWM
architecture
with
750kHz
operation frequency and fast transient response. The
converter drivers an internal N-MOS, it need connect
a 100nF ceramic capacitor between the BST3 and
BKLX3 to provide gate driver voltage. The converter
drivers an internal High site and Low site N-MOS. The
output voltage can be adjustable by internal register.
The converter has an internal soft start 20ms.
Buck3 Over Current Protection
The Buck3 offers cycle-to-cycle and peak ±2A(typ.)
current limiting for internal MOS. The current limit is
relatively constant regardless of duty cycles.
Buck3 Over Voltage Protection
The buck converter has an over voltage protection.
When the BKO3 voltage rises above 120%, the Buck3
converter turn off the BKLX3. Until the voltage sense
falls below the over voltage threshold, the converter
will resume operation.
Buck3 Under Voltage Protection
When the output voltage
drop below 80% of its
nominal output, and the
status continues for 50ms,
LP6288 will be shut down until VIN power restart.
Buck3 Short Circuit Protection
The LP6288 provides short circuit protection function
to prevent the device damage from short condition.
When the BKO3 sense is lower than 40% of the
setting voltage level, the LP6288 will be shut down
immediately until VIN power cycled.
Buck Input Capacitor Selection
The use of the input capacitor is filtering the switch
spike voltage and the input voltage ripple.
For better
input bypassing, low-ESR ceramic capacitors are
recommended. The input capacitor ripple current
RMS value is calculated as:
IIN(RMS)=IOUT×
�VOUT
VIN
×
�1-VOUT
VIN
�
This formula has a maximum at VIN=2*VOUT, where
IIN(RMS)=IOUT/2. For the input capacitor, a 2
0μF
low-ESR ceramic capacitor is recommended.
Buck Output Capacitor Selection
The output capacitor is used to keep the output
voltage and source the load transient current.
When
operating in constant current mode, the output ripple
can analysis by two components:
VRIPPLE=VRIPPLE(ESR)+VRIPPLE(C)
The following equation show the form of the ripple
contributions.
VRIPPLE(ESR)=
VOUT
FOSC×L
×
�1-VOUT
VIN
�×ESR
VRIPPLE(C)=
VOUT
8×FOSC
2×L×C
OUT
×
�1-VOUT
VIN
�
Where FOSC is the main frequency, L is the inductance
value, VIN is the input voltage, VOUT is the output
voltage, ESR is the equivalent series resistance value
of the output capacitor, and the COUT is the output
capacitor.
Buck Inductor Selection
The output inductor is used for storing energy and
filtering output ripple current.
A nice compromise
value between size and efficiency is to set the
peak-to-
peak ripple current ΔI
L between 20%~40% of
the maximum current.
Then the inductance can be
calculated with the following equation:
∆I
L=0.3×IOUT(MAX)
L=
VOUT
FOSC
×∆I
L
×
�1-VOUT
VIN
�
To guarantee enough output current, peak inductor
current must be lower than the high-side MOSFET
current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com