Electronic Components Datasheet Search
  English  ▼

X  

TFLEXP300 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # TFLEXP300
Description  Polyimide Lined Gap Filler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TFLEXP300 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  TFLEXP300 Datasheet HTML 1Page - Laird Tech Smart Technology TFLEXP300 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TflexTM P300 Series
Polyimide Lined Gap Filler
Americas: +1.866.928.8181
Europe: +49.(0).8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
Product Description
Laird Tflex® P300 is a soft and compliant gap filler with an integrated polyimide liner. Laird
has leveraged its vast experience and knowledge in the development of thermally conductive
materials to develop a soft and compliant gap filler that minimizes contact resistance and
board level stresses. In conjunction with these key traits Laird understands that not all
applications are the same. As a result, Tflex P300 comes with a unique and integrated polyimide
film on one side. This liner provides numerous application benefits like electrical isolation,
placement ease during assembly, and tear resistance for applications that require shear.
FEATURES AND BENEFITS
• Compliant nature minimizes contact resistance
• Integrated polyimide film provides dielectric strength
• Resistance to burrs and mechanical forces
• Resistant to shear forces.
• Thermal Conductivity of 3 W/mK
• Contrasting color allows integration with vision system
• Low silicone bleed
SPECIFICATIONS
TYPICAL PROPERTIES
VALUE
TEST METHOD
Construction & Composition
Polyimide lined elastomer
N/A
Color
Purple
Visual
Thickness Range
0.50mm (0.020”) 5.0mm (0.20”)
N/A
Thickness Tolerance
+/- 10%
N/A
Thermal Conductivity (W/mK)
3.0
ASTM D5470
Density (g/cc)
3.10
Helium Pycnometer
Hardness (Shore 00)
30
ASTM D2240
Outgassing TML (weight %)
0.2
ASTM E595
Outgassing CVCM (weight %)
0.05
ASTM E595
Temperature Range
-40°C to 125°C
Laird Test Method
Rth@ 40 mils, 10 psi
0.592 °C–in2/W
ASTM D5470 (Modified)
Dielectric Constant @ 1 MHz
4.6
ASTM D150
UL Flammability Rating
V-0
UL-94
Volume Resistivity
2 x 10^14 ohm-cm
ASTM D257
Breakdown Voltage
>5KV
ASTM D149


Similar Part No. - TFLEXP300

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
TFLEXHR600 LSTD-TFLEXHR600 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEXHR610FG LSTD-TFLEXHR610FG Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEXHR6120 LSTD-TFLEXHR6120 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEXHR6120-DC1 LSTD-TFLEXHR6120-DC1 Datasheet
815Kb / 2P
Thermal Gap Filler
More results

Similar Description - TFLEXP300

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HD300 LSTD-HD300 Datasheet
240Kb / 1P
High Deflection Thermal Gap Filler
P100 LSTD-P100 Datasheet
237Kb / 1P
Tgard Lined Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40105010 WURTH-40105010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40011020 WURTH-40011020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
logo
Laird Tech Smart Techno...
RB300 LSTD-RB300 Datasheet
183Kb / 2P
Thermal Gap Filler
081621
HD700 LSTD-HD700 Datasheet
184Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40003050 WURTH-40003050 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40006010 WURTH-40006010 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com