Electronic Components Datasheet Search
  English  ▼

X  

TFLEXP300 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # TFLEXP300
Description  Polyimide Lined Gap Filler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TFLEXP300 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  TFLEXP300 Datasheet HTML 1Page - Laird Tech Smart Technology TFLEXP300 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TflexTM P300 Series
Polyimide Lined Gap Filler
A17801-00 Tflex P300 DS 110317
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end
user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or
consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies,
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third
parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
AVAILABILITY
STANDARD THICKNESSES
• 0.5mm (0.020”) to 5.0mm (0.200”) thick material available in 0.25mm (0.010”) increments
• Available in standard sheet sizes of 18” x 18” and 9” x 9” or custom die cut parts
PART NUMBER SYSTEM
Tflex™ indicates Laird elastomeric thermal gap filler product line. P3xxx indicates Tflex P300 product line with thickness in mils (0.001”)
EXAMPLES:
• Tflex™ P340 = 0.040” thick Tflex™ P300 material
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
10 psi
20 psi
30 psi
40 psi
50 psi
60 psi
70 psi
80 psi
90 psi 100 psi
Tflex P300 Deflection vs Pressure
Tflex P340
Tflex P360
Tflex P380
Tflex P3100
0.000 C-in2/W
0.200 C-in2/W
0.400 C-in2/W
0.600 C-in2/W
0.800 C-in2/W
1.000 C-in2/W
1.200 C-in2/W
1.400 C-in2/W
10 psi 20 psi 30 psi 40 psi 50 psi 60 psi 70 psi 80 psi 90 psi 100 psi
Tflex P300 Thermal Resistance vs Pressure
Tflex P340
Tflex P360
Tflex P380
Tflex P3100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com