Electronic Components Datasheet Search
  English  ▼

X  

T401 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # T401
Description  Frequency Measurement and Switching Instruments
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T401 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button T401 Datasheet HTML 17Page - List of Unclassifed Manufacturers T401 Datasheet HTML 18Page - List of Unclassifed Manufacturers T401 Datasheet HTML 19Page - List of Unclassifed Manufacturers T401 Datasheet HTML 20Page - List of Unclassifed Manufacturers T401 Datasheet HTML 21Page - List of Unclassifed Manufacturers T401 Datasheet HTML 22Page - List of Unclassifed Manufacturers T401 Datasheet HTML 23Page - List of Unclassifed Manufacturers T401 Datasheet HTML 24Page - List of Unclassifed Manufacturers T401 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Operating Instructions T401 / T402
JAQUET AG
Version 2.02
21/26/
9.2.2 Signal failure
In the event of a sudden loss of a good signal no positive edge arrives to complete the measurement
or start a new one. Once the minimum measurement time (Fixtime) has lapsed the unit waits for twice the last
measurement period following which half the last measured speed is assumed.
If the signal remains missing then the measurement approaches zero following an e-function.
9.3 Functions
9.3.1 Limits and Window Function
Since the upper and lower sets points are freely selectable a large hysteresis may be set. If that is not necessary
we recommend setting a 10% hysteresis.
The Window function allows an Exclusive OR combination of Limits 1 and 2, whereby the status of both limits is
first determined (including any inversion) and a subsequent ExOR comparison executed.
As soon as Relay assignment is <Window> the relay behaves as follows:
•
With identical limit modes (both Normal or both Inverse) the relay is activated when the measured value lies
between the Limit 1 and 2 settings.
•
If different modes are set (one Normal and the other Inverse) the relay is deactivated when the measured
value is between Limts 1 and 2.
9.3.2 Parameter sets A and B
T400’s have 2 parameter sets available that define the relay assignment. Parameter set A would normally be
used. If another parameter set is needed, e.g. for test purposes, the binary input may be used to change to
parameter set B. The transfer from parameter set B to parameter set A may be delayed in the range 0 to 2000
seconds. Transferring from A to B is however immediate and not affected by this setting.
To be able to select parameter sets using the binary input, Relay control - Selection of Actuator must be
appropriately set, see 8.5.5.
Binary input condition
Selected Parameter set
High (5V) „normal“
A
Low (0V)
„connected to 0V“
B
9.3.3 Relay hold function
A latch function may be assigned to the relay. By selecting <Relay is hold if control is active> the relay is
activated once the assigned limit is active and remains held even if the input frequency would no longer cause a
trip. By selecting <Relay is hold if control is inactive>, the deactivared state of the relay is held. The latched
status may be reset by cycling power or via the binary input, whereby the binary input must be activated as per
the configuration (0V or 5V) for between 0.1 and 0.3 seconds.
9.3.4 Push-button
The front panel push button internally connects the binary input to 0VS thus generating a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com