Electronic Components Datasheet Search
  English  ▼

X  

T401 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # T401
Description  Frequency Measurement and Switching Instruments
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T401 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button T401 Datasheet HTML 4Page - List of Unclassifed Manufacturers T401 Datasheet HTML 5Page - List of Unclassifed Manufacturers T401 Datasheet HTML 6Page - List of Unclassifed Manufacturers T401 Datasheet HTML 7Page - List of Unclassifed Manufacturers T401 Datasheet HTML 8Page - List of Unclassifed Manufacturers T401 Datasheet HTML 9Page - List of Unclassifed Manufacturers T401 Datasheet HTML 10Page - List of Unclassifed Manufacturers T401 Datasheet HTML 11Page - List of Unclassifed Manufacturers T401 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Operating Instructions T401 / T402
JAQUET AG
Version 2.02
8/26/
3.3 Outputs
3.3.1 Analog output
T401
T402
Type
Current
0…20 / 4…20mA
Voltage
0…10 / 2…10V
Load
Max. 500Ohm
Min. 7kOhm, Max. 1.4mA
Open circuit voltage
Max. 12V
Operating Mode
21
20
12
4
0
modus
speed
[rpm]
0...20mA / 0...10V mode
4...20mA / 2...10V mode
initial value
final value
(minimal measured
value)
[mA]
[V]
10.5
10
6
2
0
Transfer functions
Normal or Inverse (rising or falling characteristic)
speed
output
„normal“
speed
output
„invers“
Resolution
12 Bit (4096 Steps)
Max Linear error
0.1 %
Accuracy
0.5 % of the full range value.
Damping
Hardware 11 ms + Software setting (Configuration)
Temperature Drift
Typically
± 100 ppm/K, max. ± 300 ppm/K
Reaction time
Effective measuring time + 7.5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com