Electronic Components Datasheet Search
  English  ▼

X  

T1024RDB Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  T1024RDB Datasheet HTML 1Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 2Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 3Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 4Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 5Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 6Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 7Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 8Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Chapter 1
Overview
The T1024 Reference Design Board (T1024RDB) is a high-performance computing
evaluation, development, and test platform supporting the QorIQ T1024 Power
Architecture® processor. The T1024RDB is optimized to support the high-bandwidth
DDR3L memory and a full complement of high-speed SerDes ports.
1.1 Related documentation
The table below lists and explains the additional documents that you can refer to, for
more information about T1024RDB.
Some of the documents listed below may be available only under a non-disclosure
agreement (NDA). To request access to these documents, contact your local field
applications engineer or sales representative.
Table 1-1. Useful references
Document
Description
QorIQ T1024, T1014 Data Sheet
(T1024EC)
Provides specific data regarding bus timing, signal behavior, and AC, DC, and thermal
characteristics, as well as other design considerations.
QorIQ T1024 Reference Manual
(T1024RM)
Provides a detailed description on T1024 QorIQ multicore processor, and on some of
its features, such as memory map, serial interfaces, power supply, chip features, and
clock information. The T1024 QorIQ processor combines two 64-bit ISA Power
Architecture® processor cores with high-performance datapath acceleration logic and
network peripheral bus interfaces, required for networking and telecommunications.
This chip can be used in applications, such as routers, switches, Internet access
devices, firewall and other packet filtering processors, and general-purpose embedded
computing. Its high-level integration offers significant performance benefits and greatly
helps to simplify board design.
T1024 Product Brief (T1024PB)
Provides an overview of the T1024 features and its usage examples.
QorIQ T1024 Reference Design
Board User Guide
(T1024RDBPAUG)
Describes the features and operation of T1024 performance reference platform, which
supports QorIQ Power Architecture® processors.
Table continues on the next page...
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com