Electronic Components Datasheet Search
  English  ▼

X  

T1024RDB Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 3Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 4Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 5Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 6Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 7Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 8Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 9Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 10Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Table 1-2. Acronyms and abbreviations (continued)
Usage
Description
SATA
Serial Advanced Technology Attachment
SD
Secure Digital
SDRAM
Synchronous Dynamic Random-Access Memory
SDHC
Secure Digital High Capacity
SerDes
Serializer/Deserializer
SGMII
Serial Gigabit Media Independent Interface
SPI
Serial Peripheral Interface
SYSCLK
System Clock
TDM
Time-Division Multiplexing
UART
Universal Asynchronous Receiver/Transmitter
VCC
Voltage for Circuit
VTT
Voltage for Terminal
1.3 T1024RDB board features
The T1024RDB board features are as follows:
• SerDes connections
• XFI
• PCI Express x1: supports Gen 1 and Gen 2
• Two mini PCI Express x1
• SGMII 2.5G
• DDR controller
• Data rates of up to 1600 MHz are supported
• One DDR3L DIMM of single, dual, or quad-rank types is supported
• 1.35 V DDR power supply to all devices with automatic tracking of VTT
• IFC
• NAND flash: 8-bit, asynchronous, up to 1 GB
• NOR flash: 16-bit, non-multiplexed, up to 128 MB; NOR devices support 8
virtual banks
• Ethernet
• Two on-board RGMII 10/100/1G Ethernet ports; PHY #0 remains powered up
during deep sleep
• One on-board XFI 10G EDC for 10GBase-T port
• One on-board SGMII 2.5G Ethernet port
Chapter 1 Overview
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com