Electronic Components Datasheet Search
  English  ▼

X  

ASTM1356 Datasheet(PDF) 3 Page - 3M Electronics

Part # ASTM1356
Description  3M™ Thermally Conductive Epoxy Adhesive TC-2707
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

ASTM1356 Datasheet(HTML) 3 Page - 3M Electronics

  ASTM1356 Datasheet HTML 1Page - 3M Electronics ASTM1356 Datasheet HTML 2Page - 3M Electronics ASTM1356 Datasheet HTML 3Page - 3M Electronics ASTM1356 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Thermally Conductive Epoxy TC-2707
Volume Resistivity1
ASTM D257
1.6 x 1011ohm-cm
Total Outgassing
ASTM 5116
<1000 ug/g (GC/MS, 85 C/3
hours)
Siloxane Outgassing
ASTM 5516
<5 ug/g (GC/MS, 85C/3 hours
Extractable Chloride
ASTM D7994
<30 ug/g (hexane extraction)
*Methods listed as ASTM are tested in accordance with the ASTM method noted
*Disclaimer if applicable to chart above
1) As the 3M™ Thermally Conductive Epoxy Adhesive TC-2707 uses aluminum metal fillers, under certain end use application conditions the effective
resistivity and/or effective dielectric strength could be significantly lower than noted. If the metal filler is “trapped” or “pinched” between two
surfaces, an electrical bridge path via the aluminum fillers could occur between these surfaces. Epoxy Adhesive TC-2707 is not suggested for
application where a powered electrical circuit is used or where a reliable volume resistivity and/or dielectric strength is desired. 3M™ Thermally
Conductive Epoxy Adhesive TC-2810 uses ceramic filler and is a suggested product to test for these types of application performances needs.
Curing
Cure Schedule: 23°C/24 hours
50°C/270 minutes
70°C/90 minutes
90°C/30 minutes
120°C/10 minutes
Typical Shear Strength, Peel Strength, Tg vs Cure Temperature/Time
Note:
The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Final product specifications and testing methods will be outlined in the products Certificate of Analysis
(COA) that is shipped with the commercialized product once it is approved by 3M for general commercialization and development
work is completed.
3M™ Thermally Conductive Epoxy Adhesive TC-2707
23 °C
(72 °F)
24 hours
90 °C
(194 °F)
30 minutes
120 °C
(248 °F)
10 minutes
Overlap Shears N/mm2 (psi)
(ASTM D-1002)
>18.62 (2700)
>18.62 (2700)
>18.62 (2700)
T-Peel (piw)
(ASTM D-1876)
>7
>7
>7
Tg (°C)
(ASTM E-1356)
60
66
66
*Methods listed as ASTM are tested in accordance with the ASTM method noted
*Disclaimer if applicable to chart above
Storage and Shelf Life
The shelf life of 3M™ Thermally Conductive Epoxy Adhesive TC-2707 is 12 months from the date of manufacture when
stored in original cartons at 21C (70F) and 50% relative humidity
Certificate of Analysis (COA)
The COA contains the 3M specifications and test methods for the products performance limits that the product will be
supplied against. The 3M product is supplied to 3M COA test specifications and the COA test methods. Contact your
local 3M representative for this product’s COA.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com