Electronic Components Datasheet Search
  English  ▼

X  

878B Datasheet(PDF) 7 Page - B&K Precision Corporation

Part # 878B
Description  40,000-Count Dual-Display Handheld LCR Meters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

878B Datasheet(HTML) 7 Page - B&K Precision Corporation

  878B Datasheet HTML 1Page - B&K Precision Corporation 878B Datasheet HTML 2Page - B&K Precision Corporation 878B Datasheet HTML 3Page - B&K Precision Corporation 878B Datasheet HTML 4Page - B&K Precision Corporation 878B Datasheet HTML 5Page - B&K Precision Corporation 878B Datasheet HTML 6Page - B&K Precision Corporation 878B Datasheet HTML 7Page - B&K Precision Corporation 878B Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
40,000-Count Dual-Display Handheld LCR Meters
Models 878B, 879B, and 880
7
www.bkprecision.com
Range
Max Display
R/Zx Accuracy
(878B - 879B)
R/Zx Accuracy
(880 only)
θ Accuracy
(878B - 879B)
θ Accuracy
(880 only)
Measurement
Mode
10 MΩ
10.000 MΩ
5.5% + 3 digits
3% + 3 digits
±3.2°
±1.75°
Parallel
4000 kΩ
3999.9 kΩ
2.5% + 2 digits
1% + 3 digits
±1.5°
±0.75°
Parallel
400 kΩ
399.99 kΩ
0.7% + 2 digits
0.35% + 2 digits
±0.4°
±0.25°
Parallel
40 kΩ
39.999 kΩ
0.5% + 2 digits
0.1% + 2 digits
±0.3°
±0.1°
Series/ Parallel
(Parallel)**
4000 Ω
4 kΩ**
3999.9 Ω
3.9999 kΩ**
0.5% + 2 digits
0.1% + 2 digits
±0.3°
±0.1°
Series/ Parallel
400 Ω
399.99 Ω
0.5% + 2 digits
0.1% + 2 digits
±0.3°
±0.1°
Series
40 Ω
39.999 Ω
0.7% + 2 digits
0.35% + 2 digits
±0.4°
±0.25°
Series
4 Ω
3.9999 Ω
2% + 2 digits
1% + 3 digits
±1.2°
±0.6°
Series
0.4 Ω**
0.3999 Ω**
Not Specified
3% + 5 digits
Not Specified
Not Specified
Series
10 MΩ
10.000 MΩ
N/A
8.0% + 20 digits
N/A
±4.6°
Parallel
4 MΩ
3.9999 MΩ
N/A
3% + 10 digits
N/A
±1.75°
Parallel
400 kΩ
399.99 kΩ
N/A
1.2% + 5 digits
N/A
±0.69°
Parallel
40 kΩ
39.999 kΩ
N/A
0.8% + 2 digits
N/A
±0.46°
Parallel
4 kΩ
3.9999 kΩ
N/A
0.5% + 2 digits
N/A
±0.3°
Series/ Parallel
400 Ω
399.99 Ω
N/A
0.5% + 2 digits
N/A
±0.3°
Series
40 Ω
39.999 Ω
N/A
0.8% + 5 digits
N/A
±0.46°
Series
4 Ω
3.9999 Ω
N/A
2.5% + 10 digits
N/A
±1.43°
Series
0.4 Ω
3.9999 Ω
N/A
6% + 20 digits
N/A
Not Specified
Series
Specifications (cont.)
Range
Max Display
ESR Accuracy
Measurement Mode
1000 Ω
999.9 Ω
0.5% + 2 digits
Series
100 Ω
99.99 Ω
0.5% + 2 digits
Series
10 Ω
9.999 Ω
0.7% + 2 digits
Series
1 Ω
.9999 Ω
2% + 2 digits
Series
* = Models 879B & 880 only, ** = Model 880 only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com