Electronic Components Datasheet Search
  English  ▼

X  

878B Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 878B
Description  40,000-Count Dual-Display Handheld LCR Meters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

878B Datasheet(HTML) 3 Page - B&K Precision Corporation

  878B Datasheet HTML 1Page - B&K Precision Corporation 878B Datasheet HTML 2Page - B&K Precision Corporation 878B Datasheet HTML 3Page - B&K Precision Corporation 878B Datasheet HTML 4Page - B&K Precision Corporation 878B Datasheet HTML 5Page - B&K Precision Corporation 878B Datasheet HTML 6Page - B&K Precision Corporation 878B Datasheet HTML 7Page - B&K Precision Corporation 878B Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
40,000-Count Dual-Display Handheld LCR Meters
Models 878B, 879B, and 880
3
www.bkprecision.com
Powerful Features
Flexible Operation
A tilt stand provides position flexibility for
viewing and operating the meter. The
over-molding rubber case protects the meter for
better durability. A single 9 V battery (16 hours
with alkaline battery) or the included 12 V power
adapter (with model 879B & 880) can be used
to power the meter, giving the user options for
portable or bench-top use.
Model 880 includes a rechargeable Ni-MH
battery that can provide up to six hours of battery
life.
Four-terminal shielded configuration
(880 only)
The 880 provides a 4-terminal socket with
separate sensing and current leads plus guard
terminal, a configuration typically only found in
bench LCR meters. When using the included
4-terminal Kelvin test leads, this configuration
can reduce the effect of lead impedances and
contact resistance. This minimizes measurement
errors and improves accuracy especially in the
lower impedance range.
Faster Auto Range
The advanced auto range circuit design allows for
faster measurements without the need to manually
select ranges.
Dual Display
The dual display allows multiple measurements to
be conveniently displayed at once.
Auto Detect Mode (880 only)
With the push of a single button, the Auto detect
function will automatically identify primary
parameters L, C or R and related secondary
parameters, and set the suitable series/parallel
equivalent mode and range.
Increase Productivity with PC
Connectivity
Free downloadable software is available for your
handheld LCR meter. View and log measurements
and setup and configure the instrument’s
measurement parameters.
Accessories
Model
Alligator test
leads
USB cable
AC adapter
Shorting plate
Kelvin clip
test leads
SMD tweezer
878B
●
●
-
-
-
-
879B
●
●
●
-
-
-
880
●
●
●
●
●
●
AC adapter
USB cable
Kelvin clip test leads (TL8KC1)
Shorting plate
Alligator test leads
SMD tweezer (TL8SM)
“●“ Included



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com