Electronic Components Datasheet Search
  English  ▼

X  

ITE151 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # ITE151
Description  DC Electronic Loads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

ITE151 Datasheet(HTML) 4 Page - B&K Precision Corporation

  ITE151 Datasheet HTML 1Page - B&K Precision Corporation ITE151 Datasheet HTML 2Page - B&K Precision Corporation ITE151 Datasheet HTML 3Page - B&K Precision Corporation ITE151 Datasheet HTML 4Page - B&K Precision Corporation ITE151 Datasheet HTML 5Page - B&K Precision Corporation ITE151 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.bkprecision.com
DC Electronic Loads
8500 Series
4
C C, CR, C V and C P mode
In Constant Current (CC) mode, the load will
sink a current according to the programmed
current value regardless of the input voltage.
(CC) mode can be used for load regulation
testing of DC power supplies or for characteriz-
ing the discharge profile of a battery.
Constant Power (CP) mode simulates a load
whose power consumption is independent of the
applied voltage. Constant Power (CP) mode is
useful for battery testing and simulating a
realistic discharge curve.
In Constant Voltage (CV) mode, the load will
attempt to sink enough current to control the
source voltage to the programmed value. This
mode is suitable for testing battery chargers.
In Constant Resistance (CR) mode, the load will
sink a current linearly proportional to the input
voltage in accordance with the programmed
Flexible operating modes
L
Remote control & application software
L
resistance. Unlike conventional resistors, the
load resistance stays constant regardless of the
power level.
Transient g ene rator
The 8500 series offers a variable frequency
generator which can be used in all operating
modes. The DC load will toggle between 2
preset levels at a frequency between 0.1 Hz to
1 kHz, either continuously or controlled by a
trigger.
Trigg ere d ope rati on
Triggering is used to allow synchronization of the
DC Load's behavior with other events. You can
generate a trigger event by front panel keystroke,
by applying an external TTL signal to the back
panel terminal or by sending a commands over
the serial bus. The trigger can be used in pulse
mode, transient mode, list mode and works in
CC, CR, CV and CP modes.
The DC loads can be remotely controlled from
any PC with USB interface, allowing the user to
fully program and monitor all parameters. USB to
TTL serial converter cables are included. For
users wanting to write their own custom software,
a set of example programs are available for
download on the B&K Precision website.
List Mode
A list of command sequences can be stored in
non-volatile memory and executed independently
of a computer. Execution in list mode greatly
reduces command processing time and computer
interaction during product testing. The command
sequence can be entered manually from the front
panel or downloaded from a PC via USB
interface.
Appl ication Software
The included Application Software supports front
panel emulation of the load and includes a
battery test application which provides A*hr
rating of a battery and adjustable ending voltage
levels (safety voltage).
Whether you are designing a device with
Nickel-Metal Hydride or Lithium-Ion batteries,
the 8500 series have the capabilities to test their
characteristics.
An example of battery discharge characteristics of an AA alkaline battery.
Model 8500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com