Electronic Components Datasheet Search
  English  ▼

X  

ITE151 Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # ITE151
Description  DC Electronic Loads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

ITE151 Datasheet(HTML) 5 Page - B&K Precision Corporation

  ITE151 Datasheet HTML 1Page - B&K Precision Corporation ITE151 Datasheet HTML 2Page - B&K Precision Corporation ITE151 Datasheet HTML 3Page - B&K Precision Corporation ITE151 Datasheet HTML 4Page - B&K Precision Corporation ITE151 Datasheet HTML 5Page - B&K Precision Corporation ITE151 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.bkprecision.com
DC Electronic Loads
8500 Series
5
Specifications
Models 8500 & 8502 (300 W)
L
Models 8510/8512/8514/8518 (600 W & 1200 W)
L
Models 8520/8522/8524/8526 (2400 W & 5000 W)
L
Parameter
Range
Accuracy
Resolution
8500
8502
CV Mode
Regulation
0.1-18 V
±(0.05%+0.02% FS)
1 mV
0.1 – 120 V
0.1 – 500 V
±(0.05%+0.025% FS)
10 mV
CC Mode
Regulation
0 – 3 A
0 – 3 A
±(0.1%+0.1% FS)
0.1 mA
0 – 30 A
0 – 15 A
±(0.2%+0.15% FS)
1 mA
Current Measurement
0 – 3 A
0 – 3 A
±(0.1% + 0.1% FS)
0.1 mA
0 – 30 A
0 – 15 A
8500: ±(0.2%+0.15% FS)
8502: ±(0.2%+0.3% FS)
1 mA
Voltage Measurement
0-18 V
±(0.02% + 0.02% FS)
1 mV
0-120 V
0 – 500 V
±(0.02% + 0.025% FS)
10 mV
Parameter
8510
8512
8514
8518
Input rating
Voltage
0 – 120 V
0 – 500 V
0 – 120 V
0 – 60 V
Current
0 – 120 A
0 – 30 A
0 – 240 A
0 – 240 A
Power
600 W
1200 W
Parameter
8520
8522
8524
8526
Input rating
Voltage
0 – 120 V
0 – 500 V
0 – 60 V
0 – 500 V
Current
0 – 240 A
0 – 120 A
0 – 240 A
0 – 120 A
Power
2400 W
5000 W
Parameter
8500
8502
Input rating
Voltage
0 – 120 V
0 – 500 V
Current
0 – 30 A
0 – 15 A
Power
300 W
Parameter
Range
Accuracy
Resolution
8510
8512
8514
8518
CV Mode
Regulation
0.1-18 V
±(0.05%+0.02% FS)
1 mV
0.1 V to Vmax
±(0.05%+0.025% FS)
10 mV
CC Mode
Regulation
0-12 A
0-3 A
0-24 A
±(0.1%+0.1% FS)
1 mA
0 – max Current
±(0.2%+0.15% FS)
10 mA
Current
Measurement
0-12 A
0-3 A
0-24 A
±(0.1% + 0.1% FS)
1 mA
0 – max. Current
±(0.2%+0.15% FS)
10 mA
Voltage
Measurement
0 – 18 V
8510/8514: (0.02% + 0.025% FS)
8512/8518: (0.02% + 0.02% FS)
1 mV
0 - Vmax
±(0.02% + 0.025% FS)
10 mV
Parameter
Range
Accuracy
Resolution
8520
8522
8524
8526
CV Mode
Regulation
0.1-18 V
±(0.05%+0.02% FS)
1 mV
0.1 V to Vmax
±(0.05%+0.025% FS)
10 mV
CC Mode
Regulation
0-24 A
0-12 A
0-24 A
0-12 A
±(0.1%+0.1% FS)
1 mA
0 – max Current
±(0.2%+0.15% FS)
10 mA
Current
Measurement
0-24 A
0-12 A
0-24 A
0-12 A
±(0.1% + 0.1% FS)
1 mA
0 – max. Current
±(0.2%+0.15% FS)
10 mA
Voltage
Measurement
0 – 18 V
8522/8526: (0.02% + 0.02% FS)
8520/8524: (0.02% + 0.025% FS)
1 mV
0 - Vmax
±(0.02% + 0.025% FS)
10 mV
Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com