Electronic Components Datasheet Search
  English  ▼

X  

TLP182 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP182
Description  Photocouplers Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP182 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP182 Datasheet HTML 1Page - Toshiba Semiconductor TLP182 Datasheet HTML 2Page - Toshiba Semiconductor TLP182 Datasheet HTML 3Page - Toshiba Semiconductor TLP182 Datasheet HTML 4Page - Toshiba Semiconductor TLP182 Datasheet HTML 5Page - Toshiba Semiconductor TLP182 Datasheet HTML 6Page - Toshiba Semiconductor TLP182 Datasheet HTML 7Page - Toshiba Semiconductor TLP182 Datasheet HTML 8Page - Toshiba Semiconductor TLP182 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLP182
1
Photocouplers Infrared LED & Photo Transistor
TLP182
TLP182
TLP182
TLP182
Start of commercial production
2013-09
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Switching Power Supplies
•
Programmable Logic Controllers (PLCs)
•
I/O Interface Boards
2.
2.
2.
2. General
General
General
General
TLP182 is a low AC input type photocoupler that consists of phototransistor optically coupled to two antiparallel
infrared LED in a SO6 package.
Since TLP182 is guaranteed high isolation voltage (3750 Vrms) and wide operating temperature (Ta = -55 to 125
), it is suitable for high density surface mounting applications such as programmable controllers.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Collector-emitter voltage: 80 V (min)
(2)
Current transfer ratio: 50 % (min) (@IF = ±0.5 mA, VCE = 5 V)
GB Rank: 100 % (min) (@IF = ±0.5 mA, VCE = 5 V)
(3)
Isolation voltage: 3750 Vrms (min)
(4)
Operating temperature: -55 to 125 
(5)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Thailand Factory
Note 1: When a VDE approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-4M1S
1: Anode, Cathode
3: Cathode, Anode
4: Emitter
6: Collector
2019-10-15
Rev.5.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180 Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
ISOCOM COMPONENTS
TLP180 ISOCOM-TLP180 Datasheet
861Kb / 10P
AC Isolation Voltage 3750VRMS
logo
Toshiba Semiconductor
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

Similar Description - TLP182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP188 TOSHIBA-TLP188 Datasheet
265Kb / 10P
Photocouplers GaA As Infrared LED & Photo Transistor
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP627M TOSHIBA-TLP627M Datasheet
429Kb / 18P
Photocouplers Infrared LED & Photo Darlington Transistor
Rev.1.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com