Electronic Components Datasheet Search
  English  ▼

X  

TLP182 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP182
Description  Photocouplers Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP182 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP182 Datasheet HTML 1Page - Toshiba Semiconductor TLP182 Datasheet HTML 2Page - Toshiba Semiconductor TLP182 Datasheet HTML 3Page - Toshiba Semiconductor TLP182 Datasheet HTML 4Page - Toshiba Semiconductor TLP182 Datasheet HTML 5Page - Toshiba Semiconductor TLP182 Datasheet HTML 6Page - Toshiba Semiconductor TLP182 Datasheet HTML 7Page - Toshiba Semiconductor TLP182 Datasheet HTML 8Page - Toshiba Semiconductor TLP182 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLP182
2
5.
5.
5.
5. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
Min
5.0
5.0
0.4
Unit
mm
6.
6.
6.
6. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
R.M.S. forward current
Input forward current derating
Input forward current (pulsed)
Input power dissipation
Input power dissipation
derating
Junction temperature
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Collector power dissipation
derating
Junction temperature
Operating temperature
Storage temperature
Lead soldering temperature
Total power dissipation
Total power dissipation
derating
Isolation voltage
(Ta ≥ 90 )
(Ta ≥ 90 )
(Ta ≥ 25 )
(10 s)
(Ta ≥ 25 )
(AC, 60 s, R.H. ≤ 60 %)
Symbol
IF(RMS)
∆IF/∆Ta
IFP
PD
∆PD/∆Ta
Tj
VCEO
VECO
IC
PC
∆PC/∆Ta
Tj
Topr
Tstg
Tsol
PT
∆PT/∆Ta
BVS
Note
(Note 1)
(Note 2)
Rating
±50
-1.11
±1
100
-2.22
135
80
7
50
150
-1.36
135
-55 to 125
-55 to 125
260
200
-1.82
3750
Unit
mA
mA/
A
mW
mW/
V
V
mA
mW
mW/
mW
mW/
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 0.1 ms, f = 100 Hz
Note 2: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
7.
7.
7.
7. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input capacitance
Collector-emitter breakdown
voltage
Emitter-collector breakdown
voltage
Dark Current
Collector-emitter capacitance
Symbol
VF
Ct
V(BR)CEO
V(BR)ECO
IDARK
CCE
Note
Test Condition
IF = ±10 mA
V = 0 V, f = 1 MHz
IC = 0.5 mA
IE = 0.1 mA
VCE = 48 V
VCE = 48 V, Ta = 85 
V = 0 V, f = 1 MHz
Min
1.1
80
7
Typ.
1.25
60
0.01
2
10
Max
1.4
0.08
50
Unit
V
pF
V
V
µA
µA
pF
2019-10-15
Rev.5.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com