Electronic Components Datasheet Search
  English  ▼

X  

AS7C3256A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C3256A
Description  3.3V 32K X 8 CMOS SRAM (Common I/O)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3256A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C3256A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AS7C3256A
4/23/04; v.2.0
Alliance Semiconductor
P. 3 of 9
®
Recommended operating conditions
* V
IL min = –1.0V for pulse width less than 5ns.
** V
IH max = VCC + 2.0V for pulse width less than 5ns.
DC operating characteristics (over the operating range)1
Capacitance (f = 1MHz, Ta = room temperature, VCC = NOMINAL)2
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
Input voltage
VIH**
2.0
–
VCC+0.5
V
VIL*
-0.5
–
0.8
V
Ambient operating temperature
commercial
TA
0–
70
oC
industrial
TA
–40
–
85
oC
Parameter
Sym
Test conditions
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Input leakage
current
|ILI|
VCC = Max,
Vin = GND to VCC
–1–
1–1
–1
µA
Output leakage
current
|ILO|
VCC = Max,
VOUT = GND to VCC
–1–
1–1
–1
µA
Operating
power supply
current
ICC
VCC = Max, CE ≤ VIL
f = fMax, IOUT = 0mA
–50
–
45–40–
35
mA
Standby power
supply current
ISB
VCC = Max, CE > VIH
f = fMax
–20
–
20–20–
20
mA
ISB1
VCC = Max, CE > VCC–0.2V
VIN < 0.2V or
VIN > VCC–0.2V, f = 0
–2.0
–2.0–2.0
–
2.0
mA
Output voltage
VOL IOL = 8 mA, VCC = Min
–
0.4–
0.4
–
0.4
–0.4
V
VOH IOH = –4 mA, VCC = Min
2.4–2.4–2.4–2.4
–
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE
Vin = 0V
5
pF
I/O capacitance
CI/O
I/O
Vin = Vout = 0V
7
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com