Electronic Components Datasheet Search
  English  ▼

X  

AS7C3256A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C3256A
Description  3.3V 32K X 8 CMOS SRAM (Common I/O)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3256A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C3256A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3256A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2004
Copyright © Alliance Semiconductor. All rights reserved.
AS7C3256A
4/23/04; v.2.0
Alliance Semiconductor
P. 1 of 9
3.3V 32K X 8 CMOS SRAM (Common I/O)
®
Features
• Pin compatible with AS7C3256
• Industrial and commercial temperature options
• Organization: 32,768 words × 8 bits
• High speed
- 10/12/15/20 ns address access time
- 5, 6, 7, 8 ns output enable access time
• Very low power consumption: ACTIVE
- 180mW max @ 10 ns
• Very low power consumption: STANDBY
- 7.2 mW max CMOS I/O
• Easy memory expansion with CE and OE inputs
• TTL-compatible, three-state I/O
• 28-pin JEDEC standard packages
- 300 mil SOJ
-8
× 13.4 mm TSOP 1
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
A
9
A
8
256 X 128 X 8
Array
(262,144)
Input buffer
A0
A1
A2
A3
A4
A5
A6
A7
A
10
A
11
A
12
A
13
A
14
I/O0
I/O7
VCC
GND
OE
CE
WE
Column decoder
Control
circuit
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
AS7C3256A
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
16
15
28-pin TSOP 1 (8×13.4 mm)
28-pin SOJ (300 mil)
Selection guide
-10
-12
-15
-20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access time
5
6
7
8
ns
Maximum operating current
50
45
40
35
mA
Maximum CMOS standby current
2
2
2
2
mA


Similar Part No. - AS7C3256A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8JC ALSC-AS7C3256A-8JC Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8JCN ALSC-AS7C3256A-8JCN Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8TC ALSC-AS7C3256A-8TC Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8TCN ALSC-AS7C3256A-8TCN Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
More results

Similar Description - AS7C3256A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
logo
Alliance Semiconductor ...
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
3.3V 32K x 16 CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
5V 256K X 4 CMOS SRAM (Common I/O)
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com