Electronic Components Datasheet Search
  English  ▼

X  

LP173WF4 Datasheet(PDF) 14 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 14 Page - LG Semicon Co.,Ltd.

Back Button LP173WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 18Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
14 / 31
Note)
1. It should be measured in the center of screen. Contrast Ratio(CR) is defined mathematically as
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
2. Surface luminance is the average of 5 point across the LCD surface 50cm from the surface with
all pixels displaying white. For more information see FIG 1.
L
WH = Average(L1,L2, … L5)
3. The variation in surface luminance , The panel total variation (
WHITE) is determined by measuring L
N
at each test position 1 through 13 and then defined as followed numerical formula.
For more information see FIG 2.
Maximum(L
1,L2, … L13)
WHITE =
Minimum(L
1,L2, … L13)
4. Response time is the time required for the display to transition from white to black (rise time, Tr
R) and
from black to white(Decay Time, Tr
D). For additional information see FIG 3.
5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are determined
for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the
LCD surface. For more information see FIG 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com