Electronic Components Datasheet Search
  English  ▼

X  

LP173WF4 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LP173WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
16 / 31
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP173WF4.
In addition the figures in the next page are detailed mechanical drawing of the LCD.
Outline Dimension
Horizontal
399.5
 0.5 mm
Vertical
241.95
 0.5 mm (w/o PCB)
Thickness
4.0mm (Max.) (w/o PCB)
Active Display Area
Horizontal
381.89mm
Vertical
214.81 mm
Weight
550.0g (Max.)
Surface Treatment
Anti Glare treatment of the front polarizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com