Electronic Components Datasheet Search
  English  ▼

X  

LS013B7DH05 Datasheet(PDF) 12 Page - Sharp Corporation

Part # LS013B7DH05
Description  LCD module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B7DH05 Datasheet(HTML) 12 Page - Sharp Corporation

Back Button LS013B7DH05 Datasheet HTML 8Page - Sharp Corporation LS013B7DH05 Datasheet HTML 9Page - Sharp Corporation LS013B7DH05 Datasheet HTML 10Page - Sharp Corporation LS013B7DH05 Datasheet HTML 11Page - Sharp Corporation LS013B7DH05 Datasheet HTML 12Page - Sharp Corporation LS013B7DH05 Datasheet HTML 13Page - Sharp Corporation LS013B7DH05 Datasheet HTML 14Page - Sharp Corporation LS013B7DH05 Datasheet HTML 15Page - Sharp Corporation LS013B7DH05 Datasheet HTML 16Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SPEC No.
LD-26912A
MODEL No.
LS013B7DH05
PAGE
10
6. Electrical characteristics
6-1) TFT LCD panel drive
Table6-1 Recommended operating Condition
VSS=0V、VSSA=0V、Ta=+25
℃
Item
symbol
MIN.
TYP.
MAX.
Unit
Remark
Power supply
Analog
VDDA
+2.7
+3.0
+3.3
V
Logic
VDD
+2.7
+3.0
+3.3
V
[6-1]
Input signal voltage Hi
VIH
+2.70
+3.00
*
VDD
V
[6-2]
Lo
VIL
VSS
VSS
VSS+0.1
V
*
It can be operated below VDD voltage, however, operation around 3V is recommended.
[6-1] Applies to EXTMODE=”H”
[6-2] Applies to SCLK, SI, SCS, DISP, EXTCOMIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com