Electronic Components Datasheet Search
  English  ▼

X  

LS013B7DH05 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LS013B7DH05
Description  LCD module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B7DH05 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LS013B7DH05 Datasheet HTML 9Page - Sharp Corporation LS013B7DH05 Datasheet HTML 10Page - Sharp Corporation LS013B7DH05 Datasheet HTML 11Page - Sharp Corporation LS013B7DH05 Datasheet HTML 12Page - Sharp Corporation LS013B7DH05 Datasheet HTML 13Page - Sharp Corporation LS013B7DH05 Datasheet HTML 14Page - Sharp Corporation LS013B7DH05 Datasheet HTML 15Page - Sharp Corporation LS013B7DH05 Datasheet HTML 16Page - Sharp Corporation LS013B7DH05 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SPEC No.
LD-26912A
MODEL No.
LS013B7DH05
PAGE
11
6-2) Power supply sequence
※
Refer to timing chart and AC timing characteristics for detail
※
1 ③ and ④ may be opposite (however, TCOM polarity inversion will not occur even with EXTCOMIN
between DISP=”L”. Also, when DISP and EXTCOMIN are simultaneously started up, allow 30us or more
before SCS starts up (It may be less than 60us).
※
2 Setting value for pixel memory initialization
SCS=Driving accordingly to clear pixel internal memory method (use all clear flag or write all screen white)
S1=M2 (all clear flag) = “H” or write white
SCLK: Normal Driving
[Remark] Precaustions at ehte time of power on and power off.
Remark 1)When power on , VDDand VDDA are same timem or VDD should be faster than the VDDA.
Remark 2) When power off, VDD and VDDA are same time or VDDA shoud be faster than the VDD.
①②
③※
1 ④※1
⑤⑥⑦
VDD/VDDA(5V)
GND
GND
DISP
GND
GND
EXTCOMIN
GND
GND
SCS
GND
※
2
※
2
GND
Others
GND
※
2
※
2
GND
Normal operation
Normal operation
Normal operation
T1
Off sequence
Normal operation
T2
T3
T4
T5
T6
T7
On Sequence
[ON Sequence]
(1) 3V rise time (depends on IC)
(2) Pixel memory initialization
T2: 1time or more Initialize with M2 (all clear flag) or write all screen white
(3) Release time for initialization of TCOM latch
T3: 30us or more
Time required to release COM related latch circuit initialization which is initializing using DISP signals
(4) TCOM polarity initialization time
T4: 30us or more
Time required initializing TCOM polarity accordingly to EXTCOMIN input
[Normal Operation]
Duration of normal driving
[Off Sequence]
(5) Pixel memory initialization time
T5: 1time or more
(6) VA, VB, VCOM initialization time
T6: 30us or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com