Electronic Components Datasheet Search
  English  ▼

X  

EM06 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EM06
Description  IoT/M2M-optimized LTE-A Cat 6 M.2 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EM06 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EM06 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EM06 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel EM06
IoT/M2M-optimized LTE-A
Cat 6 M.2 Module
Build a Smarter World
Quectel EM06 is a series of LTE Advanced category 6 module optimized specially for M2M and IoT applications. Adopting the
3GPP Rel. 12 LTE technology, it delivers M2M-optimized speeds of 300Mbit/s downlink and 50Mbit/s uplink peak data rates.
Designed in the M.2 form factor, EM06 is compatible with Quectel future Cat 9 module EM09, Cat 12 module EM12 and Cat
16 module EM16 , which will facilitate customers to migrate between different categories in the future.
EM06 contains 4 variants (EM06-E, EM06-A, EM06-LA and EM06-APAC) which are designed for different target regions and
nearly cover all the main stream carriers worldwide.
EM06 supports Qualcomm® IZat™ location technology Gen8C Lite (GPS, GLONASS, BeiDou, Galileo and QZSS). The integrated
GNSS greatly simplifies product design, and provides quicker, more accurate and more dependable positioning capability.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB drivers for Windows XP,
Windows Vista, Windows 7, Windows 8/8.1, Windows 10, Linux, Android/eCall*) extend the applicability of the module to a
wide range of M2M and IoT applications such as industrial router, home gateway, STB, industrial PDA, rugged tablet PC, video
surveillance and digital signage, etc.
Key
Benefits
LTE-A Cat 6 module with M.2 form factor, optimized for M2M and
IoT applications
Support LTE-A carrier aggregation
Worldwide LTE-A and UMTS/HSPA+ coverage
Multi-constellation GNSS receiver available for applications
requiring fast and accurate fixes in any environment
Feature refinements: supports DFOTA*, eCall* and DTMF
MIMO technology meets demands for data rate and link reliability
in modem wireless communication systems
LTE Cat 6
Max 300Mbps (DL)
Max 50Mbps (UL)
Max 63Mbps (DL)
Max 5.76Mbps (UL)
Embedded Abundant
Protocols
eCall*
Multi-constellation
GNSS
USB 2.0/3.0 High
Speed Interface
USB Drivers
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
M.2 Form Factor
Quectel Enhanced
AT Commands
Rev.: V1.0 | Status: Released


Similar Part No. - EM06

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EM06 QUECTEL-EM06 Datasheet
709Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
Rev.: V1.6
EM06-A QUECTEL-EM06-A Datasheet
709Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
Rev.: V1.6
EM06-E QUECTEL-EM06-E Datasheet
709Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
Rev.: V1.6
EM06-J QUECTEL-EM06-J Datasheet
709Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
Rev.: V1.6
EM06 QUECTEL-EM06_V01 Datasheet
709Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
Rev.: V1.6
More results

Similar Description - EM06

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EP06 QUECTEL-EP06 Datasheet
655Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 Mini PCIe Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG06 QUECTEL-EG06 Datasheet
722Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 LGA Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EM06 QUECTEL-EM06_V01 Datasheet
709Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
Rev.: V1.6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com