Electronic Components Datasheet Search
  English  ▼

X  

EM06 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EM06
Description  IoT/M2M-optimized LTE-A Cat 6 M.2 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EM06 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EM06 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EM06 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IoT/M2M-optimized LTE-A
Cat 6 M.2 Module
Variant for EMEA/Australia/Brazil
EM06-E
LTE-FDD: B1/B3/B5/B7/B8/B20/B28/B32
LTE-TDD: B38/B40/B41
2×CA: B1+B1/B5/B8/B20/B28;
B3+B3/B5/B7/B8/B20/B28;
B7+B5/B7/B8/B20/B28;
B20+B32; B38+B38; B40+B40; B41+B41
(Note: B32 is only for secondary
component carrier)
WCDMA: B1/B3/B5/B8
Variant for North America
EM06-A
LTE-FDD: B2/B4/B5/B7/B12/B13/B17/B25/B26/
B29/B30/B66
LTE-TDD: B41
2×CA: B2+B2/B5/B12/B13/B17/B26/B29;
B4+B4/B5/B12/B13/B17/B26/B29;
B7+B5/B7/B12/B13/B17/B26/B29;
B25+B5/B12/B13/B17/B25/B26/B29;
B30+B5/B12/B13/B17/B26/B29;
B66+B5/B12/B13/B17/B26/B29/B66;
B41+B41
(Note: B29 is only for secondary
component carrier)
WCDMA: B2/B4/B5
Variant for Latin America
EM06-LA
Note 1
LTE-FDD: B2/B3/B4/B5/B7/B8/B20/B28
2×CA: B2+B2/B5/B8/B20/B28;
B3+B3/B5/B7/B8/B20/B28;
B4+B4/B5/B8/B20/B28;
B7+B5/B7/B8/B20/B28
WCDMA: B2/B3/B4/B5/B8
Variant for Asia-Pacific
EM06-APAC
Note 1
LTE-FDD: B1/B3/B5/B7/B8/B18/B19/B21/B26
LTE-TDD: B38/B39/B40/B41
2×CA: B1+B3/B8/B18/B19; B3+B5/B19;
B7+B5/B7; B21+B19; B38+B38; B39+B39;
B39+B41; B40+B40; B41+B41
WCDMA: B1/B5/B6/B8/B9/B19
TD-SCDMA: B39
Data
LTE:
LTE-FDD: Max 300Mbps (DL), Max 50Mbps (UL)
LTE-TDD: Max 226Mbps (DL), Max 28Mbps (UL)
UMTS:
DC-HSDPA: Max 42Mbps (DL)
HSUPA: Max 5.76Mbps (UL)
WCDMA: Max 384Kbps (DL), Max 384Kbps (UL)
TD-SCDMA:
Max 4.2Mbps (DL), Max 2.2Mbps (UL)
SMS*
Point-to-point MO and MT
SMS Cell Broadcast
Text and PDU Mode
Interfaces
USB 2.0/3.0, Supports Slave Mode
Digital Audio Through PCM Interface
I2C × 1
(U)SIM Interface × 2: 1.8V/3.0V
ANTCTL × 4
W_DISABLE1#: Control Airplane Mode
RESET#: Reset the Module
WAKE_ON_WAN#: Wake up the Host
WWAN_LED#: Indicate Network Status
PCIe Interface (Optional)
Main, Diversity and GNSS Antenna Interfaces
Enhanced Features
MIMO: 2 × 2, 4 × 2, DL
eCall*: Emergency Service
Digital Audio and VoLTE (Voice over LTE)
(Optional)
(U)SIM Card Detection*
DTMF*: Dual-tone Multi-frequency
DFOTA*: Delta Firmware over the Air
GNSS: GPS/GLONASS/BeiDou/Galileo/QZSS
Electrical Characteristics
Output Power:
Class 3 (23dBm±2dB) for LTE-FDD
Class 3 (23dBm±2dB) for LTE-TDD
Class 2 (24dBm+1/-3dB) for TD-SCDMA
Class 3 (24dBm+1/-3dB) for WCDMA
Consumption:
TBD @Power off
TBD @Sleep, Typ.
TBD @Idle
Sensitivity:
TBD
Software Features
USB Serial Driver: Windows XP/Vista 7/8/8.1/10,
WinCE 5.0/6.0/7.0*, Linux 2.6/3.x/4.1,
Android 4.x/5.x/6.x/7.x
RIL Driver: Android 4.x/5.x/6.x
NDIS Driver: Windows 7/8/8.1/10
ECM Driver*: Linux 2.6/3.x/4.1
Gobinet Driver: Linux 2.6/3.x/4.1
QMI_WWAN Driver: Linux 3.x (3.4 or later)/4.1
Protocols:
PPP/NTP/QMI/TCP*/UDP*/FTP*/HTTP*/PING*/
HTTPS*/SMTP*/MMS*/FTPS*/SMTPS*/SSL*
General Features
3GPP E-UTRA Release 12
Bandwidth: 1.4/3/5/10/15/20/40 (2×CA)MHz
Supply Voltage: 3.1V~4.4V, 3.7V Typ.
Temperature Range:
3GPP Compliant Temperature Range:
-30°C ~ +70°C
Extended Temperature Range: -40°C ~ +85°C
Dimensions: 42.0mm × 30.0mm × 2.3mm
M.2 Package
Approx. 6.0g
3GPP TS27.007 and Quectel Enhanced AT
Commands
Approvals
CE*/Vodafone* (Europe)
FCC*/AT&T*/Verizon* (North America)
CCC* (China)
Note 1:
EM06-LA and EM06-APAC are under planning.
* Under Development
30.0mm
2.3mm
Quectel EM06
Copyright © 2017 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com