Electronic Components Datasheet Search
  English  ▼

X  

AS7C4096A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C4096A
Description  5.0V 512K x 8 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4096A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C4096A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
®
AS7C4096A
5/27/05, v. 1.1
Alliance Semiconductor
P. 6 of 10
Write waveform 2 (CE controlled)9
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
For test conditions, see AC Test Conditions.
3tCLZ and tCHZ are specified with CL = 5pF as in Figure B. Transition is measured ±500 mV from steady-state voltage.
4
This parameter is guaranteed, but not tested.
5WE is HIGH for read cycle.
6CE and OE are LOW for read cycle.
7
Address valid prior to or coincident with CE transition Low.
8
All read cycle timings are referenced from the last valid address to the first transitioning address.
9
All write cycle timings are referenced from the last valid address to the first transitioning address.
10 C = 30pF, except at high Z and low Z parameters, where C = 5pF.
tAW
Address
CE
WE
tCW
tDW
tDH
tAH
tWC
tAS
Data valid
DIN
tWR
tWP
255
Ω
C10
480
Ω
DOUT
GND
+5.0V
Figure B: 5.0V Output load
- Output load: see Figure B.
- Input pulse level: GND to VCC - 0.5V. See Figures A and B.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
168
Ω
Thevenin equivalent:
DOUT
+1.728V
10%
90%
10%
90%
GND
VCC - 0.5V
Figure A: Input pulse
2 ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com