Electronic Components Datasheet Search
  English  ▼

X  

AS7C4096A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C4096A
Description  5.0V 512K x 8 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4096A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C4096A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C4096A Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
®
AS7C4096A
5/27/05, v. 1.1
Alliance Semiconductor
P. 7 of 10
Package dimensions
44-pin TSOP 2
Min(mm)
Max(mm)
A
1.2
A1
0.05
0.15
A2
0.95
1.05
b
0.30
0.45
c
0.12
0.21
d
18.31
18.52
E
1
10.06
10.26
E
11.68
11.94
e
0.80 (typical)
L
0.40
0.60
36-pin SOJ 400
Min(mils)
Max(mils)
A
0.128
0.148
A1
0.025
–
A2
0.105
0.115
b
0.015
0.020
b1
0.026
0.032
c
0.007
0.013
D
.920
.930
e
0.045
0.055
E
0.370 BSC
E1
0.395
0.405
E2
0.435
0.445
d
E
12
3 4 5 6 7 8 9 10 11121314
4443424140393837 3635 34333231
15 16
30 29
17181920
28 272625
c
L
A1
A2
e
44-pin TSOP 2
0–5°
21
2423
E1
A
b
Seating
Plane
22
D
Pin 1
e
E1E2
A2
c
A1
b
b1
A
E
36-pin SOJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com