Electronic Components Datasheet Search
  English  ▼

X  

9009 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9009
Description  Double Coated Tapes with Adhesive 300
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9009 Datasheet(HTML) 1 Page - 3M Electronics

  9009 Datasheet HTML 1Page - 3M Electronics 9009 Datasheet HTML 2Page - 3M Electronics 9009 Datasheet HTML 3Page - 3M Electronics 9009 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Double Coated Tapes with Adhesive 300
444 • 444PC • 9009 • 9019 • 9019HL • 9039
Product Data Sheet
Product Description
April, 2006
3M™ Double Coated Tapes with 3M™ Adhesive 300 feature a thin polyester film for
dimensional stability and improved handling with ease of die cutting and laminating.
The high tack adhesive provides relatively high initial adhesion and good shear holding
power to a variety of surfaces. The carrier also provides easier handling during slitting
and die cutting.
Construction
Faceside
1
Adhesive
Carrier
Backside
2
Adhesive
Liner
Total Tape
Product
Type/
Type/
Type/
Color, Type,
Liner
Thickness
Number
Thickness
Thickness
Thickness
Print
Caliper
(w/o liner)
3M™ Double
300/
Clear PET3
300/
White, 55#,
0.003"
0.0039"
Coated Tape
0.002"
0.0005"
0.0014"
Densified Kraft, (0.076mm) (0.10mm)
444
3M™ Double
(0.051mm)
(0.013mm)
(0.036mm)
300/
Clear PET3
300/
No print
Tan, 58#,
0.004"
0.0039"
Coated Tape
0.002"
0.0005"
0.0014"
Polycoated Kraft, (0.10mm)
(0.10mm)
444PC
3M™ Double
(0.051mm)
(0.013mm)
(0.036mm)
300/
Clear PET3
300/
No print
White, 55#,
0.003"
0.0021"
Coated Tape
0.0008"
0.0005"
0.0008"
Densified Kraft, (0.076mm) (0.05mm)
9009
3M™ Double
(0.020mm)
(0.013mm)
(0.020mm)
300/
Clear PET
3300/
No print
White, 55#,
0.003"
0.0011"
Coated Tape
0.0003"
0.0005"
0.0003"
Densified Kraft, (0.076mm) (0.03mm)
9019
3M™ Double
(0.0084mm) (0.013mm)
(0.0084mm)
No print
300/
Clear PET3
300/
Tan, 86#,
0.0065"
0.0011"
Coated Tape
0.0003"
0.0005"
0.0003"
Polycoated Kraft, (0.165mm) (0.03mm)
9019HL
3M™ Double
(0.0084mm) (0.013mm)
(0.0084mm)
Printed
300/
PET3
300/
Clear, 55#,
3.0 mils
0.0035"
Coated Tape
0.0015"
0.0005"
0.0015"
Densified Kraft, (0.076mm) (0.09mm)
9039
(0.038mm)
(0.013mm)
(0.038mm)
No print
Note 1: Faceside adhesive is on the interior of the roll, exposed when unwound.
Note 2: Backside adhesive is on the exterior of the roll, exposed when liner is removed.
Note 3: PET (Polyester).
The caliper listed is based on a calculation from manufacturing controlled adhesive coat weights
using a density of 1.012 g/cc.


Similar Part No. - 9009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9009 ETC1-9009 Datasheet
86Kb / 2P
NAND BUFFER
logo
Schurter Inc.
9009 SCHURTER-9009 Datasheet
483Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Straight
9009 SCHURTER-9009 Datasheet
278Kb / 3P
IEC Connector C15 for hot conditions, Rewireable, Angled
9009 SCHURTER-9009 Datasheet
299Kb / 3P
IEC Plug E, Cord Connector (Rewireable), Straight
9009 SCHURTER-9009 Datasheet
313Kb / 3P
IEC Plug E, Cord Connector (Rewireable), Straight
More results

Similar Description - 9009

ManufacturerPart #DatasheetDescription
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
9579 3M-9579 Datasheet
18Kb / 3P
Double Coated Tape with Adhesive 760
May-2004
9086 3M-9086 Datasheet
17Kb / 3P
High Performance Double Coated Tapes with Adhesive 375
9628B 3M-9628B Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive
Sep-2009
9380 3M-9380 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
9474LE 3M-9474LE Datasheet
185Kb / 4P
Double Coated Tapes 9474LE ??9495LE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com