Electronic Components Datasheet Search
  English  ▼

X  

9009 Datasheet(PDF) 3 Page - 3M Electronics

Part # 9009
Description  Double Coated Tapes with Adhesive 300
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9009 Datasheet(HTML) 3 Page - 3M Electronics

  9009 Datasheet HTML 1Page - 3M Electronics 9009 Datasheet HTML 2Page - 3M Electronics 9009 Datasheet HTML 3Page - 3M Electronics 9009 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M
TM
Double Coated Tapes with Adhesive 300
444 • 444PC • 9009 • 9019 • 9019HL • 9039
Features
• 3M™ Double Coated Tape 444PC is provided on a polycoated kraft liner that
provides moisture stability for large part converting.
• 3M™ Adhesive 300 is a medium-firm acrylic adhesive system featuring both high
initial adhesion and good high temperature holding power.
Application Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact developed.
Firm application pressure helps develop better adhesive contact and improves bond
strength.
To obtain optimum adhesion, the bonding surfaces must be clean, dry and well
unified. Some typical surface cleaning solvents are isopropyl alcohol or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial tape
application to surfaces at temperatures below 50°F (10°C) is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
*Note: Carefully read and follow the manufacturer’s precautions and directions for
use when working with solvents.
Application Ideas
Liner Configure Guide
• Medical/non-medical diagnostic test strips
• Plastic film lamination/bonding
• Splicing
• Foam lamination
• Cell phone lens attachment
• Gasket attachment in hand held devices and laptops
General purpose steel rule die cutting
58# PCK (Polycoated Kraft)
Steel rule cutting many nameplates on common sheet 86# PCK
Kiss cutting, steel rule
Rotary die-cutting
Selective die-cutting (cut adhesive before laminate)
Thermoforming
Part inspection
Embosssed metal parts
Metal parts (punch press)
86# PCK
Densified Kraft, PET
Double-linered
HDPE (High density Polyethylene)
HDPE, PET
White PP (polypropylene), HDPE
PET
Application Equipment
To apply adhesives in a wide web format, lamination equipment is required to ensure
acceptable quality. To learn more about working with pressure-sensitive adhesives
please refer to technical bulletin, Lamination Techniques for Converters of
Laminating Adhesives (70-0704-1430-8).
For additional dispenser information, contact your local 3M sales representative, or
the toll free 3M sales assistance number at 1-800-362-3550.
- 3 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com