Electronic Components Datasheet Search
  English  ▼

X  

850 Datasheet(PDF) 1 Page - 3M Electronics

Part # 850
Description  Polyester Film Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

850 Datasheet(HTML) 1 Page - 3M Electronics

  850 Datasheet HTML 1Page - 3M Electronics 850 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Polyester Film Tape
850
Technical Data
August, 2013
Product Description
3M™ Polyester Film Tape 850 can generally be used for splicing and applications
where chemical resistance and/or clean removal is necessary. The silver backing is a
transparent polyester with a thin layer of aluminum.
Product Construction
Backing
Adhesive
Color
Standard Roll
Length
Polyester
Acrylic
Transparent, Red,
Black, White, Silver
72 yds. (65.8 m)
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
Silver:
Tensile Strength at Break:
Elongation at Break:
Backing Thickness:
Total Thickness:
Water Vapor Transmission Rate:
Silver:
Temperature Use Range:
30 oz./in. width (33 N/100 mm)
42 oz./in. width (46 N/100 mm)
28 lbs./in. width (491 N/100 mm)
120%
0.9 mils (0.02 mm)
1.9 mils (0.05 mm)
1.6 gms, H2O/100 sq. in./24 hrs.
(24.8 g/m2/24 hrs.)
0.9 gms, H2O/100 sq. in./24 hrs.
(7.75 g/m2/24 hrs.)
-60 - 300°F (-50 - 150°C)
D-3330
D-3330
D-3759
D-3759
D-3652
D-3652
D-3833
D-3833
Features
• Prolonged exposure to sunlight or hot caustics will cause backing to become brittle
and lose tensile strength.
• Thin, high strength polyester film helps reduce failures due to breakage while
meeting low caliper requirements.
• Chemical and solvent resistance to help reduce rejects produced from chemical
and solvent attack.
• Abrasion resistant to help protect surfaces from abrasion and rough handling.
• Variety of colors offered when easy detection is required.


Similar Part No. - 850

ManufacturerPart #DatasheetDescription
logo
Littelfuse
850 LITTELFUSE-850 Datasheet
87Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
logo
Mill-Max Mfg. Corp.
850 MILL-MAX-850 Datasheet
260Kb / 1P
INTERCONNECTS .050??Grid Headers and Sockets Single and Double Row
logo
Littelfuse
850 LITTELFUSE-850 Datasheet
827Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Panel/Circuit Board Mounted
12/19/19
logo
Abbatron All Rights Res...
850 ABBATRON-850 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
850 BG-850 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
More results

Similar Description - 850

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8412 3M-8412 Datasheet
13Kb / 2P
Polyester Film Tape
05-Jun-2001
8402 3M-8402 Datasheet
240Kb / 3P
Polyester Tape
Jan-2017
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
8429 3M-8429 Datasheet
125Kb / 6P
3M™ Polyester Tape 8429
Mar-2017
8991L 3M-8991L Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
8911 3M-8911 Datasheet
132Kb / 5P
3M™ Polyester Tape 8911
May-2017
853 3M-853 Datasheet
128Kb / 5P
3M??Polyester Tape 853
1350F-1 3M-1350F-1 Datasheet
54Kb / 2P
1350F-1, 1350F-2 Tape Flame-Retardant Tape with Polyester Film
1139 3M-1139 Datasheet
47Kb / 2P
1139 Electrical Tape Polyester Film/Glass Filament Reinforced Tape with
854 3M-854 Datasheet
14Kb / 2P
Polyester Tape
05-May-2001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com