Electronic Components Datasheet Search
  English  ▼

X  

850 Datasheet(PDF) 2 Page - 3M Electronics

Part # 850
Description  Polyester Film Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

850 Datasheet(HTML) 2 Page - 3M Electronics

  850 Datasheet HTML 1Page - 3M Electronics 850 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M
TM Polyester Tape
850
G/COE/Product Technical Data Sheets/853
Application Ideas
Transparent, Red, Black, White:
• Splicing and web defect marking.
• Sealing, labeling, and protecting.
• Positive film striping (transparent).
• Decorative edging.
• Tape hinge.
Silver:
• Post splicing movie film.
• Deflect flagging where reflective sensing is required.
• Decorative striping and die cutting.
• Decorative edging.
Storage
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative
humidity in the original packaging material.
Shelf Life
To obtain best performance, use this product within 18 months from date of
manufacture.
Technical Information
The technical information, recommendations and other statements contained in this document are based upon tests
or experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and
performance of a 3M product in a particular application. Given the variety of factors that can affect the use and
performance of a 3M product, user is solely responsible for evaluating the 3M product and determining whether it is fit
for a particular purpose and suitable for user’s method or application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product literature, 3M
warrants that each 3M product meets the applicable 3M product specification at the time 3M ships the product. 3M
MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED
TO, ANY IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOS OR ANY IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM
OR USAGE OF TRADE. If the 3M product does not conform to this warranty, then the sole and exclusive remedy is,
at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether
direct, indirect, special, incidental or consequential, regardless of the legal theory asserted, including warranty,
contract, negligence or strict liability.
This Industrial Adhesives and Tapes Division product was manufactured under a quality system registered to ISO 9001:2000 standards.
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 220-3S-06
St. Paul, MN 55144-1000
Recycled Paper
3M is a trademark of 3M Company.
800-362-3550 · 577-369-2923 (Fax)
40% pre-consumer
Printed in U.S.A.
www.3M.com/industrial
10% post-consumer
©3M 2012



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com