Electronic Components Datasheet Search
  English  ▼

X  

4920 Datasheet(PDF) 6 Page - 3M Electronics

Part # 4920
Description  VHB Tape - Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4920 Datasheet(HTML) 6 Page - 3M Electronics

  4920 Datasheet HTML 1Page - 3M Electronics 4920 Datasheet HTML 2Page - 3M Electronics 4920 Datasheet HTML 3Page - 3M Electronics 4920 Datasheet HTML 4Page - 3M Electronics 4920 Datasheet HTML 5Page - 3M Electronics 4920 Datasheet HTML 6Page - 3M Electronics 4920 Datasheet HTML 7Page - 3M Electronics 4920 Datasheet HTML 8Page - 3M Electronics 4920 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3M™ VHB™ Tape - Specialty Tapes
- 6 -
Additional Typical Performance Characteristics
Note:The following technicalinformationanddatashould beconsidered representative ortypicalonlyandshouldnotbeused
for specification purposes.
100
90
80
70
60
50
40
30
20
10
0
Water
Salt Water
Hydraulic Fluid
10W30 Motor Oil
Glycol Antifreeze
Kerosene
Isopropyl Alcohol
Jet Fuel
Gasoline
MEK
100
90
80
70
60
50
40
30
20
10
0
* Substrates can be used with or without primer(s)/Coating. 3M Silane Coating, 3M Adhesion Promoter 4298UV
and 3M Tape Primer 94 are used with glass substrate. 3M Primer AP111, 3M Adhesion Promoter 4298UV and
3M Tape Primer 94 are used with aluminum and galvanized steel substrates.
3M™ VHB™ Tapes
% TML
%VCM
%WVR
4930
0.77
0.01
0.21
4932
2.41
0.66
0.23
4945
1.24
0.01
0.19
TML - Total Mass Loss
VCM - Volatile Condensible Materials
WVR - Water Vapor Regained
NASA Reference Publication, “Outgassing Data for Selecting Spacecraft Materials”, (11/18/2004)
Available online at http://outgassing.nasa.gov
Test Method
• Tape between stainless steel and aluminum foil
• 72 hours dwell at room temperature
• Solvent immersion for 72 hours
• Test within 45 minutes after removing from solvent
• 90° peel angle
• 12 in/min rate of peel
• Peel adhesion compared to control
Note: Continuous submersion in chemical solutions is not recommended. The above information
is presented to show that occasional chemical contact should not be detrimental to tape
performance in most applications in ordinary use.
Solvent and Fuel Resistance
g/m2
•day
3M™ VHB™ Tapes
UL746C Listings - File MH 17478
Category QOQW2 Component - Polymeric Adhesive Systems, Electrical Equipment
3M™ VHB™ Tapes/
Product Families
Substrates
Temperature Rating
Minimum Maximum
4914, 4920, 4930,
4950
4920, 4930, 4950,
4955, 4959, 4959F
Aluminum, Galvanized Steel,
Enameled Steel, Stainless Steel,
Ceramic, Glass/Epoxy
-35°C
110°C
PBT
-35°C
90°C
ABS, Polycarbonate, Rigid PVC
-35°C
75°C
Acrylic
-35°C
90°C
Glass / Galvanized Steel*, Glass /
Glass*, Galvanized Steel /
Aluminum*, Aluminum / Aluminum*
-35°C
120°C
4945
Phenolic, Aluminum, Galvanized
Steel, Alkyd Enamel, Enameled Steel
-35°C
110°C
ABS, Polycarbonate, Polyamide,
Stainless Steel, Acrylic/Polyurethane
Paint, Polyester Paint
-35°C
90°C
Unplasticized PVC
-35°C
75°C
4905, 4910
Polycarbonate, Aluminum,
Acrylic/Polyurethane Paint
-35°C
90°C
GPH, 4646, 4655
Stainless Steel, Aluminum, Galvanized
Steel, Glass, Glass/Epoxy, Phenolic
-35°C
110°C
Nylon, Polycarbonate
-35°C
90°C
ABS, Rigid PVC
-35°C
75°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com