Electronic Components Datasheet Search
  English  ▼

X  

4920 Datasheet(PDF) 8 Page - 3M Electronics

Part # 4920
Description  VHB Tape - Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4920 Datasheet(HTML) 8 Page - 3M Electronics

  4920 Datasheet HTML 1Page - 3M Electronics 4920 Datasheet HTML 2Page - 3M Electronics 4920 Datasheet HTML 3Page - 3M Electronics 4920 Datasheet HTML 4Page - 3M Electronics 4920 Datasheet HTML 5Page - 3M Electronics 4920 Datasheet HTML 6Page - 3M Electronics 4920 Datasheet HTML 7Page - 3M Electronics 4920 Datasheet HTML 8Page - 3M Electronics 4920 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3M™ VHB™ Tape - Specialty Tapes
- 8 -
Application Techniques
Clean: Most substrates are best prepared by cleaning with a 50:50 mixture of isopropyl alcohol (IPA*) and water prior to
applying 3M™ VHB™ Tapes.
Exceptions to the general procedure that may require additional surface preparation include:
• Heavy Oils: A degreaser or solvent-based cleaner may be required to remove heavy oil or grease from a surface and
should be followed by cleaning with IPA/water.
• Abrasion: Abrading a surface, followed by cleaning with IPA/water, can remove heavy dirt or oxidation and can
increase surface area to improve adhesion. Abrasion is not suggested with
3M™ VHB™ Tapes 4932 and 4952.
• Adhesion Promoters: Priming a surface can significantly improve initial and ultimate adhesion to many materials
such as plastics and paints.
• Porous surfaces: Most porous and fibered materials such as wood, particleboard, concrete, etc. need to be sealed
to provide a unified surface.
• Unique Materials: Special surface preparation may be needed for glass and glass-like materials, copper and copper
containing metals, and plastics or rubber that contain components that migrate (e.g. plasticizers).
Refer to 3M Technical Bulletin
“Surface Preparation for 3M™ VHB™ Tape Applications” for additional details and
suggestions. (70-0704-8701-5)
*Note: These cleaner solutions contain greater than 250 g/l of volatile organic compounds (VOC). Please consult your
localAir QualityRegulations to be sure the cleaner is compliant.When using solvents,be sure to follow the
manufacturer’s precautions and directions for use when handling such materials.
Pressure: Bondstrengthisdependent upon theamountofadhesive-to-surfacecontactdeveloped.Firmapplication
pressure develops better adhesive contact and helps improve bond strength.Typically,good surface contactcan be
attained by applying enough pressure to insure that the tape experiences approximately 15 psi (100 kPa) pressure. Either
roller or platen pressure can be used. Note that rigid surfaces may require 2 or 3 times that much pressure to make the
tape experience 15 psi.
Temperature: Ideal application temperature range is 70°F to 100°F (21°C to 38°C). Pressure sensitive adhesives use
viscous flow to achieve substrate contact area. Minimum suggested application temperatures:
• 50°F (10°C): 3M™ VHB™ Tapes 4950, 4910, 4611, 4622 families.
• 60°F (15°C): 3M™ VHB™ Tape 4945 family.
• 32°F (0°C): 3M™ VHB™ Tape LSE or 4951 family (Note: Surface must be frost free).
Note: Initial tape application to surfaces at temperatures below these suggested minimums is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly applied, low temperature
holding is generally satisfactory.
Toobtain goodperformance withall
3M™VHB™Tapes,itisimportanttoensurethatthesurfacesaredryandfreeof
condensed moisture.
Time: After application, the bond strength will increase as the
adhesive flows onto the surface (also referred to as
“wetout”).
At room temperature approximately 50% of ultimate bond
strength will be achieved after 20 minutes, 90% after 24 hours
and100%after72 hours.This flow is fasterathigher temperatures
and slower at lower temperatures. Ultimate bond strength can be
achieved more quickly (and in some cases bond strength can be
increased) by exposure of the bond to elevated temperatures
(e.g. 150°F [66°C] for 1 hour). This can provide better adhesive
wetout onto the substrates.Abrasion of the surfaces or the use of
primers/ adhesion promoters can also have the effect of increasing
bond strength and achieving ultimate bond strength more quickly.
Bond Typical Build vs. Time
100
80
60
40



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com