Electronic Components Datasheet Search
  English  ▼

X  

4052 Datasheet(PDF) 4 Page - 3M Electronics

Part # 4052
Description  Double Coated Urethane Foam Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4052 Datasheet(HTML) 4 Page - 3M Electronics

  4052 Datasheet HTML 1Page - 3M Electronics 4052 Datasheet HTML 2Page - 3M Electronics 4052 Datasheet HTML 3Page - 3M Electronics 4052 Datasheet HTML 4Page - 3M Electronics 4052 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M™ Double Coated Urethane Foam Tapes
4004 • 4008 • 4016 • 4026 • 4032 • 4052 • 4056 • 4085
Features
• The natural colored urethane foam tape products vary in color from white to light
yellow. The color will change to light yellow upon exposure to sunlight (ultraviolet
radiation). This color change is normal and does not affect tape performance.
• 3M™ Double Coated Urethane Foam Tape 4026 is available in roll form and die-
cut pieces. Die-cut pieces of 3M tape 4026 is available in 3/4" or 1" squares, either
individual pieces double linered with an extended liner on one side or in pads of 48
squares.
• 3M™ Double Coated Urethane Foam Tape 4085 combines conformability with
high immediate adhesion to most plastics including ABS, polycarbonate, acrylic,
polyethylene and polypropylene as well as metal and paint. 3M tape 4085 tears
easily which makes it ideal for hand application.
Application Techniques
• Bond strength is dependent upon the amount of adhesive-to-surface contact
developed. Firm application pressure helps develop better adhesive contact and
improve bond strength.
• To obtain optimum adhesion, the bonding surfaces must be clean, dry and well
unified. Typical surface cleaning solvents are isopropyl alcohol* and water (rubbing
alcohol) or heptane.
• Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial
tape application to surfaces at temperatures below 50°F (10°C) is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
*Note: Be sure to follow the manufacturer’s precautions and directions for use when
using solvents.
Application Ideas
The urethane foam tapes are generally ideal for interior applications or for exterior
applications where the tape will be protected from the environment. The urethane
foam is open cell.
3M™ Double Coated Urethane Foam Tape 4004 – Bond mirrors to walls or furniture
3M™ Double Coated Urethane Foam Tape 4008 – Bond acoustic panels to walls
3M™ Double Coated Urethane Foam Tape 4016 – Mount interior signs and nameplates
3M™ Double Coated Urethane Foam Tape 4026 – Mount air fresheners and soap dispensers
3M™ Double Coated Urethane Foam Tape 4032 – Attach wire clips to various surfaces
3M™ Double Coated Urethane Foam Tape 4052 – Bond window to microwave oven doors
Mount electrical channel to wall surfaces
3M™ Double Coated Urethane Foam Tape 4056 – Mount wall corner protectors
3M™ Double Coated Urethane Foam Tape 4085 – Attach wire clips
Attach air fresheners



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com