Electronic Components Datasheet Search
  English  ▼

X  

4052 Datasheet(PDF) 5 Page - 3M Electronics

Part # 4052
Description  Double Coated Urethane Foam Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4052 Datasheet(HTML) 5 Page - 3M Electronics

  4052 Datasheet HTML 1Page - 3M Electronics 4052 Datasheet HTML 2Page - 3M Electronics 4052 Datasheet HTML 3Page - 3M Electronics 4052 Datasheet HTML 4Page - 3M Electronics 4052 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3M™ Double Coated Urethane Foam Tapes
4004 • 4008 • 4016 • 4026 • 4032 • 4052 • 4056 • 4085
Storage
Shelf Life
Certification/
Recognition
Product Use
Note
3M is a trademark of the 3M Company.
Store in original cartons at 70°F (21°C) and 50% relative humidity.
To obtain best performance, use these products within 24 months from date of
manufacture except 3M™ Double Coated Urethane Foam Tape 4085 which is
18 months from date of manufacture.
MSDS: 3M has not prepared MSDSs for these products which are not subject to the MSDS requirements
of the Occupational Safety and Health Administration’s Hazard Communication Standard, 29 C.F.R.
1910.1200(b)(6)(v). When used under reasonable conditions or in accordance with the 3M directions
for use, these products should not present a health and safety hazard. However, use or processing of the
products in a manner not in accordance with the directions for use may affect their performance and
present potential health and safety hazards.
TSCA: These products are defined as articles under the Toxic Substances Control Act and therefore, are
exempt from inventory listing requirements.
All statements, technical information and recommendations contained in this document are based upon
tests or experience that 3M believes are reliable. However, many factors beyond 3M’s control can affect
the use and performance of a 3M product in a particular application, including the conditions under
which the product is used and the time and environmental conditions in which the product is expected to
perform. Since these factors are uniquely within the user’s knowledge and control, it is essential that the
user evaluate the 3M product to determine whether it is fit for a particular purpose and suitable for the
user’s method of application.
Values presented have been determined by standard test methods and are average
values not to be used for specification purposes.
Our recommendations on the use of our products are based on tests believed to be
reliable but we would ask that you conduct your own tests to determine their
suitability for your applications.
This is because 3M cannot accept any responsibility or liability direct or
consequential for loss or damage caused as a result of our recommendations.
.
ISO 9001: 2000
.
3
3M Svenska AB
Industri
Bollstanäsvägen 3
191 89 Sollentuna
Tel: 08-92 22 50
Fax: 08-92 22 88
E-post: kundservice@mmm.com
www.3M.se/tejp



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com