Electronic Components Datasheet Search
  English  ▼

X  

9495MP Datasheet(PDF) 4 Page - 3M Electronics

Part # 9495MP
Description  Double Coated Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9495MP Datasheet(HTML) 4 Page - 3M Electronics

  9495MP Datasheet HTML 1Page - 3M Electronics 9495MP Datasheet HTML 2Page - 3M Electronics 9495MP Datasheet HTML 3Page - 3M Electronics 9495MP Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(4)
3M
™ Double Coated Tapes with 9492MP
• 9495MP • 9495MPF • 9495B
Storage
Store in original cartons at 70°F (21°C) and 50% relative humidity.
Shelf Life
If stored under proper conditions, product retains its performance and properties for two years from date of manufacture.
Certification/Recognition
MSDS: 3M has not prepared a MSDS for this product which is not subject to the MSDS requirements of the Occupational
Safety and Health Administration’s Hazard Communication Standard, 29 C.F.R. 1910.1200(b)(6)(v). When used under
reasonable conditions or in accordance with the 3M directions for use, the product should not present a health and safety
hazard. However, use or processing of the product in a manner not in accordance with the directions for use may affect its
performance and present potential health and safety hazards.
TSCA: This product is defined as an article under the Toxic Substances Control Act and therefore, it is exempt from
inventory listing requirements.
RoHs Complaint/REACH Compliant: This product complies with the European Union’s “Restriction of Hazardous
Substances” (RoHs) initiative and with European REACH regulations 2002/95/EC and 2005/618/EC.
For Additional Information
To request additional product information or to arrange for sales assistance, call toll free 1-800-251-8634. Address
correspondence to: 3M, Electronics Markets Materials Division, 3M Center, Building 225-3S-06, St. Paul, MN 55144-
1000. Our fax number is 651-778-4244 or 1-877-369-2923. In Canada, phone: 1-800-364-3577. In Puerto Rico, phone:
1-787-750-3000. In Mexico, phone: 52-70-04-00.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed
to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and
determine if it is suitable for your intended application. You assume all risks and liability associated with such use.
Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements
contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized
officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY
OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above,
your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of the legal theory asserted.
3M is a trademark of 3M Company.
Please recycle. Printed in U.S.A.
© 3M 2011. All rights reserved.
60-5002-0527-7
3
3
Electronics Markets Materials Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
1-800-251-8634 phone
651-778-4244 fax
www.3M.com/electronics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com