Electronic Components Datasheet Search
  English  ▼

X  

9495MP Datasheet(PDF) 1 Page - 3M Electronics

Part # 9495MP
Description  Double Coated Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9495MP Datasheet(HTML) 1 Page - 3M Electronics

  9495MP Datasheet HTML 1Page - 3M Electronics 9495MP Datasheet HTML 2Page - 3M Electronics 9495MP Datasheet HTML 3Page - 3M Electronics 9495MP Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Double Coated Tapes 9492MP
• 9495MP • 9495MPF • 9495B
Product Description
3M™ Double Coated Tapes with 3M™ Laminating Adhesive 200MP feature a thin polyester film for dimensional stability
and improved handling with ease of die-cutting and laminating. The 3M adhesive 200MP provides exceptional temperature
and chemical resistance. 3M™ Double Coated Tape 9495B has a black polyester film to provide opacity or visibility.
3
Technical Data
November 2011
Construction
Faceside1.4
Carrier
Backside2,
Liner
Total Tape
Product
Adhesive
Type/
Adhesive
Color, Type,
Liner
Thickness
Number
Thickness
Thickness
Thickness
Print
Caliper
(w/o liner)
3M™ Double
1.0 mil
Clear PET3
1.0 mil
Tan, 58#,
4.0 mil
2.5 mil
Coated Tape
(0.025mm)
0.5 mil
(0.025mm)
Polycoated Kraft,
(0.10mm)
(0.06mm)
9492MP
(0.013mm)
“3M 200MP”
3M™ Double
2.9 mil
Clear PET
2.3 mil
Tan, 58#,
4.0 mil
5.7 mil
Coated Tape
(0.074mm)
0.5 mil
(0.058mm)
Polycoated Kraft,
(0.10mm)
(0.14mm)
9495MP
(0.013mm)
“3M 200MP”
3M™ Double
2.9 mil
Clear PET
2.3 mil
Clear, PET,
2.0 mil
5.7 mil
Coated Tape
(0.074mm)
0.5 mil
(0.058mm)
No Print
(0.051mm)
(0.14mm)
9495MPF
(0.013mm)
3M™ Double
2.9 mil
Black PET
2.3 mil
Tan, 58#,
4.0 mil
5.7 mil
Coated Tape
(0.074mm)
0.5 mil
(0.058mm)
Polycoated Kraft,
(0.010mm)
(0.14mm)
9495B
(0.013mm)
“3M 200MP”
Note 1: Faceside adhesive is on the interior of the roll, exposed when unwound.
Note 2: Backside adhesive is on the exterior of the roll, exposed when liner is removed.
Note 3: PET (Polyester).
Note 4: The caliper listed is based on a calculation from manufacturing controlled adhesive coat weights using a density of 1.012 g/cc.
Features
• A thin polyester carrier in the products provides dimensional stability and improved handling with ease of die-cutting and
lamination compared to adhesive transfer tapes.
• 3M™ Laminating Adhesive 200MP provides exceptional temperature and chemical resistance and withstands tough
application environments.
• 3M™ Double Coated Tape 9495MPF has a film liner for ease in rotary die-cutting and applications who demand low
particle generating parts.
Application Ideas
• Graphic overlays
• Nameplates
• Appliques
• Decorative Trim
• Thermal and sound damping applications in the electronics and appliance industry.
• Gasket and lens attachment for electronic assemblies.


Similar Part No. - 9495MP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9495MP 3M-9495MP Datasheet
189Kb / 4P
Double Coated Tapes 9492MP ??9495MP ??9495MPF ??9495B
9495MPF 3M-9495MPF Datasheet
189Kb / 4P
Double Coated Tapes 9492MP ??9495MP ??9495MPF ??9495B
More results

Similar Description - 9495MP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
R3187 3M-R3187 Datasheet
220Kb / 2P
Repulpable Single-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
9086 3M-9086 Datasheet
17Kb / 3P
High Performance Double Coated Tapes with Adhesive 375
05277 3M-05277 Datasheet
189Kb / 4P
Double Coated Tapes 9492MP ??9495MP ??9495MPF ??9495B
4100 3M-4100 Datasheet
31Kb / 8P
Single-Coated Foam Tapes
9474LE 3M-9474LE Datasheet
185Kb / 4P
Double Coated Tapes 9474LE ??9495LE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com