Electronic Components Datasheet Search
  English  ▼

X  

DP420 Datasheet(PDF) 6 Page - 3M Electronics

Part # DP420
Description  Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP420 Datasheet(HTML) 6 Page - 3M Electronics

  DP420 Datasheet HTML 1Page - 3M Electronics DP420 Datasheet HTML 2Page - 3M Electronics DP420 Datasheet HTML 3Page - 3M Electronics DP420 Datasheet HTML 4Page - 3M Electronics DP420 Datasheet HTML 5Page - 3M Electronics DP420 Datasheet HTML 6Page - 3M Electronics DP420 Datasheet HTML 7Page - 3M Electronics DP420 Datasheet HTML 8Page - 3M Electronics DP420 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
- 6 -
3M
™ Scotch-Weld™
Epoxy Adhesive
DP420 Black • DP420 NS Black • DP420 Off-White • DP420 LH
Adhesive*
6mm Nozzle
gms/minute
10mm Nozzle
gms/minute
3M
™ Scotch-Weld™ Epoxy Adhesive
29.6
113
DP420 Black
3M
™ Scotch-Weld™ Epoxy Adhesive
31.1
132
DP420 Off-White
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Substrates and Testing (continued)
Environmental Resistance
Aluminum (Etched)
Measured by Overlap Shear Tested @ 73°F (23°C) (PSI)1 (ASTM D 1002-72)
Environment
Condition
3M™ Scotch-Weld™
Epoxy Adhesive
DP420 Black
3M™ Scotch-Weld™
Epoxy Adhesive
DP420 Off-White
3M™ Scotch-Weld™
Epoxy Adhesive
DP420NS Black
73°F (23°C)/50% RH
30 d2
4900
5100
4590
47
Distilled Water
30 d, i3
4200
4700
4790
4400
Water Vapor
120°F (49°C)/100% RH, 30 d
200°F (93°C)/100% RH, 14 d
4000
4000
4700
3000
4410
3780
Antifreeze/H2O (50/50)
180°F (82°C), 30 d, i
3000
4200
4240
Isopropyl Alcohol
73°F (23°C), 30 d, i
4500
5300
5180
Methyl Ethyl Ketone
73°F (23°C), 30 d, i
3500
4600
NT
Salt Spray (5%)
95°F (35°C), 30 d
NT
5100
NT
Skydrol LD-4
150°F (66°C), 30 d, i
4000
5400
4810
1Data reported are actual values from the lots tested and may be higher than values published elsewhere in this
data sheet.
2
d = days
3
i = immersion
3M™ EPX
Pneumatic Applicator
Delivery Rates
200 ml Applicator – Maximum Pressure 58 psi
*Tests were run at a temperature of 70°F ± 2°F (21°C ± 1°C) and at maximum applicator pressure.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com