Electronic Components Datasheet Search
  English  ▼

X  

DP420 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP420
Description  Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP420 Datasheet(HTML) 1 Page - 3M Electronics

  DP420 Datasheet HTML 1Page - 3M Electronics DP420 Datasheet HTML 2Page - 3M Electronics DP420 Datasheet HTML 3Page - 3M Electronics DP420 Datasheet HTML 4Page - 3M Electronics DP420 Datasheet HTML 5Page - 3M Electronics DP420 Datasheet HTML 6Page - 3M Electronics DP420 Datasheet HTML 7Page - 3M Electronics DP420 Datasheet HTML 8Page - 3M Electronics DP420 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
- 1 -
Scotch-WeldTM
Epoxy Adhesive
DP420 Black • DP420 NS Black • DP420 Off-White • DP420 LH
Technical Data
April, 2019
Product Description
3M™ Scotch-Weld™ Epoxy Adhesives are high performance, two-part epoxy
adhesives offering outstanding shear and peel adhesion, and very high levels of
durability.
Features
• High shear strength
• High peel strength
• Outstanding environmental
performance
• Easy mixing
• 20 minute worklife
• Controlled flow (3M™ Scotch-Weld™ Epoxy
Adhesive DP420 NS Black)
• Recognized as meeting UL 94 HB – Underwriters
Laboratory Horizontal Burn Flammability Test
(3M™ Scotch-Weld™ Epoxy Adhesive DP420
Off-White)
• Low halogen content (3M™ Scotch-Weld™
Epoxy Adhesive DP420 LH)
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M™ Scotch-Weld™ Epoxy Adhesive
DP420 Black
DP420 NS Black
DP420 Off-White
DP420 LH
Viscosity (approx.)
Base
20,000-50,000 cP
190,000-270,000 cP
20,000-50,000 cP
20,000-50,000 cP
@ 73°F (23°C)
Accelerator
8,000-14,000 cP
60,000-130,000 cP
8,000-14,000 cP
8,000-14,000 cP
Base Resin
Base
Accelerator
epoxy
amine
epoxy
amine
epoxy
amine
epoxy
amine
Color
Base
Accelerator
black
amber
black
amber
white
amber
white
amber
Net Weight
Base
9.3-9.7
9.4-9.8
9.3-9.7
9.3-9.7
Lbs./Gallon
Accelerator
9.0-9.4
9.1-9.5
9.0-9.4
9.0-9.4
Mix Ratio (B:A)
Volume
2:1
2:1
2:1
2:1
Weight
2:0.97
2:0.97
2:0.97
2:0.97
Worklife, 73°F (23°C)
20 g mixed
15 minutes
15 minutes
15 minutes
15 minutes
10 g mixed
20 minutes
20 minutes
20 minutes
20 minutes
5 g mixed
30 minutes
30 minutes
30 minutes
30 minutes


Similar Part No. - DP420

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DP420C TOKO-DP420C Datasheet
147Kb / 1P
Fixed Inductors for Surface Mounting
More results

Similar Description - DP420

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC2216 3M-EC2216 Datasheet
31Kb / 9P
Scotch-WeldTM Epoxy Adhesive
Dec-2009
DP110 3M-DP110 Datasheet
252Kb / 7P
Scotch-WeldTM Epoxy Adhesive
Mar-2019
DP460 3M-DP460 Datasheet
159Kb / 4P
Scotch-Weld EPX Epoxy Adhesive DP460
Mar-1996
2216B 3M-2216B Datasheet
519Kb / 8P
Scotch-Weld™ Epoxy Adhesive
Oct-2018
1838B 3M-1838B Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Feb-2016
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
EC-2615 3M-EC-2615 Datasheet
116Kb / 5P
3M Scotch-WeldTM Epoxy Adhesive
EC-2216 3M-EC-2216 Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
Jun-2009
EC-2216B 3M-EC-2216B Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com