Electronic Components Datasheet Search
  English  ▼

X  

AS7C32098A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C32098A
Description  3.3 V 128K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C32098A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C32098A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
AS7C32098A
2/24/05,v. 1.0
Alliance Semiconductor
P. 5 of 10
Read waveform 2 (CE, OE, UB, LB controlled)5,7,8
Write cycle (over the operating range)9
Parameter
Symbol
–10
–12
–15
–20
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10–12–15
–
20
–
ns
Chip enable (CE) to write end
tCW
7–8
–
10
–
12
–ns
Address setup to write end
tAW
7–8
–
10
–
12
–ns
Address setup time
tAS
0
–
0
–
0–0–
ns
Write pulse width (OE = High)
tWP1
7–8
–
10
–
12
–ns
Write pulse width (OE = Low)
tWP2
10–12–15
–
20
–
ns
Write recovery time
tWR
0
–
0
–
0–0–
ns
Address hold from end of write
tAH
0
–
0
–
0–0–
ns
Data valid to write end
tDW
5
–
6
7–9–
ns
Data hold time
tDH
0
–
0
–
0–0–
ns
3,4
Write enable to output in High-Z
tWZ
0
5
0
6
0709
ns
3,4
Output active from write end
tOW
3
–
3
–
3–3–
ns
3,4
Byte enable Low to write end
tBW
7–8
–
10
–
12
–ns
3,4
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tCHZ
tBHZ
tACE
tCLZ
Address
OE
CE
LB, UB
DataOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com