Electronic Components Datasheet Search
  English  ▼

X  

AS7C32098A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C32098A
Description  3.3 V 128K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C32098A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C32098A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2005
Preliminary Information
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C32098A
3.3 V 128K × 16 CMOS SRAM
2/24/05, v. 1.0
Alliance Semiconductor
P. 1 of 10
Features
• Industrial and commercial temperature
• Organization: 131,072 words × 16 bits
• Center power and ground pins
• High speed
- 10/12/15/20 ns address access time
- 4/5/6/7 ns output enable access time
• Low power consumption: ACTIVE
- 650 mW /max @ 10 ns
• Low power consumption: STANDBY
-28.8 mW /max CMOS
• Individual byte read/write controls
• Easy memory expansion with CE, OE inputs
• TTL- and CMOS-compatible, three-state I/O
• 44-pin JEDEC standard packages
- TSOP 2
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
1024 × 128 × 16
Array
(2,097,152)
OE
CE
WE
Column decoder
A0
A1
A2
A3
A4
A6
A7
A8
VCC
GND
A12
A13
Control circuit
I/O1–I/O8
I/O9–I/O16
UB
LB
I/O
buffer
Pin arrangement for TSOP 2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O14
I/O13
GND
VCC
I/O12
I/O11
I/O10
I/O9
NC
A13
A12
A11
A10
NC
A4
CE
I/O1
I/O2
I/O3
I/O4
VCC
GND
I/O5
I/O6
I/O7
I/O8
WE
A5
A6
A7
21
22
A8
A9
UB
LB
I/O16
I/O15
2
A1
3
A2
4
A3
1
A0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A15
A14
OE
A16
Selection guide
–10
–12
–15
–20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access time
4
5
6
7
ns
Maximum operating current
Industrial
180
160
140
110
mA
Commercial
170
150
130
100
mA
Maximum CMOS standby current
8
8
8
8
mA


Similar Part No. - AS7C32098A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TC ALSC-AS7C32096A-10TC Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TCN ALSC-AS7C32096A-10TCN Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TI ALSC-AS7C32096A-10TI Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TIN ALSC-AS7C32096A-10TIN Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
More results

Similar Description - AS7C32098A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
UMC Corporation
UM621024C UMC-UM621024C Datasheet
703Kb / 16P
128K x 16 CMOS SRAM
logo
AMIC Technology
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
3.3 V 64K X 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
3.3 V 32K X 16 CMOS SRAM
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
3.3 V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com