Electronic Components Datasheet Search
  English  ▼

X  

4618 Datasheet(PDF) 4 Page - 3M Electronics

Part # 4618
Description  VHB Tape - Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4618 Datasheet(HTML) 4 Page - 3M Electronics

  4618 Datasheet HTML 1Page - 3M Electronics 4618 Datasheet HTML 2Page - 3M Electronics 4618 Datasheet HTML 3Page - 3M Electronics 4618 Datasheet HTML 4Page - 3M Electronics 4618 Datasheet HTML 5Page - 3M Electronics 4618 Datasheet HTML 6Page - 3M Electronics 4618 Datasheet HTML 7Page - 3M Electronics 4618 Datasheet HTML 8Page - 3M Electronics 4618 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 4 -
3M™ VHB™ Tape - Specialty Tapes
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
4914
White
0.010
13 (23)
130 (900)
130 (900)
4920
White
0.015
15 (26)
160 (1100)
100 (690)
4929
Black
0.025
20 (35)
160 (1100)
100 (690)
4930(F)
White
0.025
20 (35)
160 (1100)
100 (690)
4949
Black
0.045
25 (44)
140 (970)
80 (550)
4950
White
0.045
25 (44)
140 (970)
80 (550)
4955
White
0.080
20 (35)
95 (660)
70 (480)
4959(F)
White
0.062
20 (35)
75 (520)
55 (380)
4945
4946
White
White
0.045
0.045
25 (44)
25 (44)
140 (970)
140 (970)
80 (550)
80 (550)
4905
4910
Clear
Clear
0.020
0.040
12 (21)
15 (26)
100 (690)
100 (690)
70 (480)
70 (480)
4951
White
0.045
18 (32)
110 (760)
80 (550)
4943F
Gray
0.045
20 (35)
85 (590)
70 (480)
4957F
Gray
0.062
20 (35)
75 (520)
70 (480)
LSE-060
LSE-110
LSE-160
White
White
White
0.025
0.045
0.062
17 (30)
25 (44)
30 (54)
80 (550)
70 (470)
65 (450)
110 (810)
85 (590)
75 (530)
GPH-060
Gray
0.025
14 (25)
90 (630)
120 (840)
GPH-110
Gray
0.045
21 (37)
95 (670)
105 (730)
GPH-160
Gray
0.062
19 (34)
105 (720)
80 (570)
4916
White
0.025
17 (30)
85 (590)
80 (550)
4622
White
0.045
20 (35)
70 (480)
65 (450)
4624
White
0.062
20 (35)
55 (380)
60 (410)
90° Peel Adhesion - Based on ASTM D3330 -To stainless steel, room temperature, jaw speed 12 in/min (304.8 mm/min). Average force to remove is measured.
72 hour dwell.
Normal Tensile (T-Block Tensile) - ASTM D-897 - Toaluminum, room temperature, 1 in2(6.45 cm2), jaw speed 2 in/min (50.8 mm/min) Peak force to separate is
measured. 72 hour dwell.
Dynamic Overlap Shear - ASTM D-1002 - Tostainless steel, room temperature, 1 in2(6.45 cm2), jaw speed 0.5 in/min (12.7 mm/min) Peak force to separate is
measured. 72 hour dwell.
Product
Inches
Dynamic Adhesion Performance
lb/in N/cm
lb/in2 kPa
lb/in2 kPa
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com