Electronic Components Datasheet Search
  English  ▼

X  

4618 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4618
Description  VHB Tape - Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4618 Datasheet(HTML) 2 Page - 3M Electronics

  4618 Datasheet HTML 1Page - 3M Electronics 4618 Datasheet HTML 2Page - 3M Electronics 4618 Datasheet HTML 3Page - 3M Electronics 4618 Datasheet HTML 4Page - 3M Electronics 4618 Datasheet HTML 5Page - 3M Electronics 4618 Datasheet HTML 6Page - 3M Electronics 4618 Datasheet HTML 7Page - 3M Electronics 4618 Datasheet HTML 8Page - 3M Electronics 4618 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 2 -
3M™ VHB™ Tape - Specialty Tapes
Typical Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
4914
White
0.010 (0.25) ± 15%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4920
White
0.015 (0.4) ± 15%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4929
Black
0.025 (0.6) ± 15%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4930
White
0.025 (0.6) ± 15%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4930F
White
0.025 (0.6) ± 15%
Gen Purp
Firm
50 (800)
PE Film
0.005 (0.13)
Red
4949
Black
0.045 (1.1) ± 10%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4950
White
0.045 (1.1) ± 10%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4955
White
0.080 (2.0) ± 10%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4959
White
0.120 (3.0) ± 10%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4959F
White
0.120 (3.0) ± 10%
Gen Purp
Firm
50 (800)
PE Film
0.005 (0.13)
Red
4945
4946
White
White
0.045 (1.1) ± 10%
0.045 (1.1) ± 10%
Multi-Purp
Multi-Purp
Firm
Firm
50 (800)
50 (800)
DK Paper
PE Film
0.003 (0.08)
0.005 (0.13)
White (printed)
Red (printed)
4905
4910
Clear
Clear
0.020 (0.5) ± 15%
0.040 (1.0) ± 10%
Gen Purp
Gen Purp
Solid
Solid
60 (960)
60 (960)
PE Film
PE Film
0.005 (0.13)
0.005 (0.13)
Red (printed)
Red (printed)
4951
4943F
4957F
White
Gray
Gray
0.045 (1.1) ± 10%
0.045 (1.1) ± 10%
0.062 (1.6) ± 10%
Low TempAppl
Low TempAppl
Low TempAppl
Firm
Conform
Conform
50 (800)
45 (720)
45 (720)
Polyester
Polyester
Polyester
0.002 (0.05)
0.002 (0.05)
0.002 (0.05)
Clear
Clear
Clear
LSE-060
LSE-110
LSE-160
White
White
White
0.025 (0.6) ± 15%
0.045 (1.1) ± 10%
0.062 (1.6) ± 10%
LSE
LSE
LSE
Very Conf
Very Conf
Very Conf
45 (710)
45 (710)
45 (710)
PE Film
PE Film
PE Film
0.005 (0.13)
0.005 (0.13)
0.005 (0.13)
Red
Red
Red
GPH-060
GPH-110
GPH-160
Gray
Gray
Gray
0.025 (0.6) ± 15%
0.045 (1.1) ± 10%
0.062 (1.6) ± 10%
High Temp
High Temp
High Temp
Conform
Conform
Conform
45 (710)
45 (710)
45 (710)
PE Film
PE Film
PE Film
0.005 (0.13)
0.005 (0.13)
0.005 (0.13)
Red
Red
Red
4618
4622
4624
White
White
White
0.025 (0.6) ± 15%
0.045 (1.1) ± 10%
0.062 (1.6) ± 10%
Gen/Multi Purp
Gen/Multi Purp
Gen/Multi Purp
Conform
Conform
Conform
45 (720)
45 (720)
45 (720)
PE Film
PE Film
PE Film
0.004 (0.10)
0.004 (0.10)
0.004 (0.10)
Green
Green
Green



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com