Electronic Components Datasheet Search
  English  ▼

X  

X8DA3 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # X8DA3
Description  Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X8DA3 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button X8DA3 Datasheet HTML 35Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 36Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 37Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 38Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 39Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 40Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 41Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 42Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Chapter 2: Installation
2-19
JC2
JUSB2
JUSB3
J5
JPS1
JPI1
JI2C2
JI2C1
1
JI2C3
JI2C4
JPL1
LE1
LES1
LES2
J6
SP1
JL1
JPS2
JPW3
JPW1
JPW2
Fan6
Fan5
Fan4
Fan7/CPU1
Fan1
Slot5 PCI 33MH
Slot4 PCI 33MH
Slot3 PCI-E X16
P1 DIMM3A
CPU1
JBT1
Slot2 PCI-E X4
I-SATA0
I-SATA1
I-SATA4
I-SATA5
JWD1
Slot1 PCI 33MH
T-SGPIO2
Slot0 SIMLC
1394_1
1394_2
USB6/7 USB4/5
USB8
USB9
LAN
CTRL
LAN
CTRL
CD1
Slot6 PCI-E x16
I-Button
I-SATA3
I-SATA2
X8DA3/i
Battery
CPU2
82573V
82573L
ICH10R
Intel
South
Bridge
SAS CTRL
1068E
Intel IOH-36D
P1 DIMM3B
P1 DIMM2A
P1 DIMM2B
P1 DIMM1A
P1 DIMM1B
P2 DIMM3A
P2 DIMM3B
P2 DIMM2A
P2 DIMM2B
P2 DIMM1A
P2 DIMM1B
(North Bridge)
T-SGPIO1
1394
CTRL
ATX PS/2 Keyboard and PS/2
Mouse Ports
The ATX PS/2 keyboard and the PS/2
mouse are located on the back panel.
See the table on the right for pin defi-
nitions. (The mouse port is above the
keyboard port. See the table on the
right for pin definitions.)
PS/2 Keyboard and
Mouse Port Pin
Definitions
Pin#
Definition
1
Data
2NC
3
Ground
4
VCC
5
Clock
6NC
Serial Ports
COM1 and COM2 are serial connec-
tors located on the I/O Backpanel.
See the table on the right for pin
definitions.
Serial Port Pin Definitions
(COM1/COM2)
Pin #
Definition
Pin #
Definition
1
CDC
6
DSR
2
RXD
7
RTS
3
TXD
8
CTS
4
DTR
9
RI
5
Ground
10
NC
A
B
C
A. Keyboard/Mouse
B. COM1
C. COM2
(NC: No Connection.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com