Electronic Components Datasheet Search
  English  ▼

X  

X8DA3 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # X8DA3
Description  Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X8DA3 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button X8DA3 Datasheet HTML 41Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 42Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 43Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 44Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 45Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 46Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 47Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 48Page - List of Unclassifed Manufacturers X8DA3 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
Chapter 2: Installation
2-25
JC2
JUSB2
JUSB3
J5
JPS1
JPI1
JI2C2
JI2C1
1
JI2C3
JI2C4
JPL1
LE1
LES1
LES2
J6
SP1
JL1
JPS2
JPW3
JPW1
JPW2
Fan6
Fan5
Fan4
Fan7/CPU1
Fan1
Slot5 PCI 33MH
Slot4 PCI 33MH
Slot3 PCI-E X16
P1 DIMM3A
CPU1
JBT1
Slot2 PCI-E X4
I-SATA0
I-SATA1
I-SATA4
I-SATA5
JWD1
Slot1 PCI 33MH
T-SGPIO2
Slot0 SIMLC
1394_1
1394_2
USB6/7 USB4/5
USB8
USB9
LAN
CTRL
LAN
CTRL
CD1
Slot6 PCI-E x16
I-Button
I-SATA3
I-SATA2
X8DA3/i
Battery
CPU2
82573V
82573L
ICH10R
Intel
South
Bridge
SAS CTRL
1068E
Intel IOH-36D
P1 DIMM3B
P1 DIMM2A
P1 DIMM2B
P1 DIMM1A
P1 DIMM1B
P2 DIMM3A
P2 DIMM3B
P2 DIMM2A
P2 DIMM2B
P2 DIMM1A
P2 DIMM1B
(North Bridge)
T-SGPIO1
1394
CTRL
CMOS Clear
JBT1 is used to clear CMOS. Instead of pins, this "jumper" consists of contact pads
to prevent the accidental clearing of CMOS. To clear CMOS, use a metal object such
as a small screwdriver to touch both pads at the same time to short the connection.
Always remove the AC power cord from the system before clearing CMOS.
Note: For an ATX power supply, you must completely shut down the sys-
tem, remove the AC power cord and then short JBT1 to clear CMOS.
A
B
A. Clear CMOS
B. Watch Dog Enable
Watch Dog Enable/Disable
Watch Dog (JWD1) is a system monitor that
can reboot the system when a software ap-
plication hangs. Close Pins 1-2 to reset the
system if an application hangs. Close Pins
2-3 to generate a non-maskable interrupt
signal for the application that hangs. See the
table on the right for jumper settings. Watch
Dog must also be enabled in the BIOS.
Watch Dog
Jumper Settings (JWD1)
Jumper Setting
Definition
Pins 1-2
Reset
(default)
Pins 2-3
NMI
Open
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com