Electronic Components Datasheet Search
  English  ▼

X  

AN3116 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3116
Description  STM32?™?s ADC modes and their applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3116 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3116 Datasheet HTML 1Page - STMicroelectronics AN3116 Datasheet HTML 2Page - STMicroelectronics AN3116 Datasheet HTML 3Page - STMicroelectronics AN3116 Datasheet HTML 4Page - STMicroelectronics AN3116 Datasheet HTML 5Page - STMicroelectronics AN3116 Datasheet HTML 6Page - STMicroelectronics AN3116 Datasheet HTML 7Page - STMicroelectronics AN3116 Datasheet HTML 8Page - STMicroelectronics AN3116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN3116
Independent modes
Doc ID 16840 Rev 1
5/18
1
Independent modes
1.1
Single-channel, single conversion mode
1.1.1
Description
This is the simplest ADC mode. In this mode, the ADC performs the single conversion
(single sample) of a single channel x (refer to Figure 1.) and stops after completion of the
conversion.
Note:
This application note is not delivered with a firmware example of this mode.
Figure 1.
Single-channel, single conversion mode
1.1.2
Example of application
This mode can be used for the measurement of a voltage level to decide if the system can
be started or not. Measure the voltage level of the battery before starting the system: if the
battery has a low level, the “low battery” message appears. In this case, do not start the
system.
1.2
Multichannel (scan), single conversion mode
1.2.1
Description
This mode is used to convert some channels successively in independent mode. With the
ADC sequencer, you can use this ADC mode to configure any sequence of up to 16
channels successively with different sampling times and in different orders. You can for
example carry out the sequence shown in Figure 2. In this way, you do not have to stop the
ADC during the conversion process in order to reconfigure the next channel with a different
sampling time. This mode saves additional CPU load and heavy software development.
Figure 2.
ADC sequencer converting 7 channels with different configured sampling
times
Note:
This application note is not delivered with a firmware example of this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com